전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PL75-7 데이터시트(PDF) 46 Page - List of Unclassifed Manufacturers

부품명 PL75-7
상세설명  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

PL75-7 데이터시트(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button PL75-7 Datasheet HTML 42Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 43Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 44Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 45Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 46Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 47Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 48Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 49Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
46
Twinax/triax rfi caps & terminations
Twinax/Triax Terminators and
RFI (Dust Caps)
Trompeter provides Terminations and RFI caps versions of
many of our twinax/triax connectors. Resistors are normally
1/8 watt for subminiature connectors and 1/2 watt for minia-
ture and standard size connectors with 1% tolerances for all.
Parts to be capped
Description
Terminator
RFI (Dust Cap)
BJ30/CJ30 Series
TWBNC Jack
TNGT1-(3)-R
RFI25-(3)
BJ70/CJ70 Series
TRB, Jack
TNG1-(3)-R
RFI75-(3)
BJ70FL/CJ70FL
TRB, Jack
TNGFL1-(3)-R
RFI75FL-(3)
BJ70TL/CJ70TL
TRB, Jack
TNGTL1-(3)-R
RFI75TL-(3)
BJ80/CJ80
TRC, Jack
TNGL1-(3)-R
RFI85-(3)
BJ150/CJ150
TRS, Jack
TNGM1-(3)-R
RFI155-(3)
BJ150FL/CJ150FL
TRS, Jack
TNGMFL1-(3)-R
RFI155FL-(3)
BJ375/CJ375
TRT, Jack
TNT1-(3)-R
RFI375-(3)
BJ375/CJ375
TRT, Jack
TNTS1-(3)-R (Safety Holes)
RFI375-(3)
BJ380/CJ380
TRN, Jack
TNTL1-(3)-R
RFI385-(3)
BJ803/CJ803
TRC, 3-lug Jack
TNG3L1-(3)
RFI853-(3)
BJ3150/CJ3150
TTM, Jack
TNTM1-(3)-R
RFI3155-(3)
J72
Twinax Patch Jack
TPT-(3)-R
RFI70-(3)
J72L
Twinax Patch Jack
TPTL-(3)-R
RFI70-(3)
J152
Twinax Submin. Patch Jack
TPTWM-(3)-R
RFI150-(3)
PL30
TWBNC, Plug
TNGBJT1-(3)-R
RFI21-(3)
PL74
TRB, Plug
TNGBJTL1-(3)-R
RFI77TL-(3)
PL75
TRB, Plug
TNGBJ1-(3)-R
RFI77-(3)
PL75FL
TRB, Plug
TNGBJFL1-(3)-R
RFI77FL-(3)
PL80
TRC, Plug
TNGLF1-(3)-R
RFI80-(3)
PL803
TRC, Plug
TNGLF3L1-(3)-R
RFI80(3)
PL380
TRN
TNTLF1-(3)-R
RFI80(3)
PL150
Submin. Patch Plug
TJTWM-(3)-R
-
PL155
TRS, Plug
TNGBJM1-(3)-R (Bulkhead Mount)
RFI157-(3)
PL155
TRS, Plug
TNGMF1-(3)-R
RFI157-(3)
PL155FL
TRS, Plug
TNGBJMFL1-(3) (Bulkhead Mount)
RFI157FL-(3)
PL155FL
TRS, Plug
TNGMFFL1-(3)-R
RFI157FL-(3)
PL3155
TTM, Plug
TNTBJM1-(3)-R (Bulkhead Mount)
RFI3157-(3)
PL3155
TTM, Plug
TNTMF1-(3)-R
RFI3157-(3)
PL350
TCM, Plug
RFI357-(3)
PL375
TRT, Plug
TNTBJ1-(3)-R (Bulkhead Mount)
RFI377-(3)
PL375
TRT, Plug
TNTF1-(3)-R
RFI377-(3)
PL380
TRN, Plug
TNTLF1-(3)-R
RFI380-(3)
PL803
TRC, 3-lug, Plug
TNGLF3L1-(3)-R
RFI803-(3)
For 450/3450 Series:
Concentric Twinax
See pages 19-20
See pages 19-20
For Chain Options and Ordering Instructions, see page 45.
Notes: (3) = Chain options page 45
"R" = Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com