전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PL75-7 데이터시트(PDF) 55 Page - List of Unclassifed Manufacturers

부품명 PL75-7
상세설명  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

PL75-7 데이터시트(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button PL75-7 Datasheet HTML 51Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 52Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 53Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 54Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 55Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 56Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 57Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 58Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
55
Standard twinax/triax patching & cable assemblies
Patch Jack
J70
Patch Jack
Without hood
J72D
Shielded
With hood
J72S-
Patch Jack
Single Entry With 20 dB isolated monitoring jack
Entry
Part #
TRB 3-lug
J72SM - 1
TRT threaded
J72SM - 2
Cable (shown)
J72SM -
Patch Cord
Twinax
PTW-L-Z
Patch plug to patch plug
Triax
PTR-L-Z
Cable Assembly
Twinax
PTWX-L-Z
TRB 3-lug plug to patch plug
Triax
PTRX-L-Z
Cable Assembly
Twinax
PTWY-L-Z
TRB 3-lug plugs
Triax
PTRY-L-Z
Bend relief available, call factory.
Parallel Patch Cord
Twinax
PTWS-L-Z
Triax
PTRS-L-R
Patch Plug
PL71-
Patch Jack
J72
TRB 3-lug
Termination
TPT-1-R
RFI Cap
RFI 70-1
For patch jack, no chain
For other chain options see page 45.
PL71-7 Shown
- Refers to Cable Group Table, see pages 91-133. Panels are on page 51-54
1
1
1
1
1.268
.580
.380
DIA
.603
DIA
MAX
.500-28UNEF-2A
.445
DIA
.380
DIA
1.268
.570
.812
.562
.375
.281
.156 DIA MTG HOLE
.4375-28UNEF-2A
.447
DIA
.570
.610
1.735
.812
.562
.375
.281
.156 DIA
MTG HOLE
.500 HEX
.437 WRENCH
FLATS
2.594
.570
.445
DIA
.187
.445
DIA
TYP
.570
1.375
2.243
.328
.096
.625
1.247
.156 DIA
2 HOLES
1.687
.575
1.337
.374 DIA
.437 WRENCH FLATS
.543 DIA MAX
.437
WRENCH FLATS
.505
DIA
;;;;;;
;;;;;;
;;;;;;
;;;;;;
;;;;;;
;;;;;;
;;;;;;
;;;;;;
1.880
.437 WRENCH FLATS
"L"
LENGTH
;;
;;
;;
;;;
;;;
;;;
;
;
;
;;
;;
;;
"L"
LENGTH
;;
;;
;;
;
;
;
;
;
;
"L"
LENGTH
;
;
;
;
;
;
"L"
Length
in inches
;;;
;;;
;;;
;;;
;;;
;;;
;;;
;;;
;;;
;;;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com