전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PL75-7 데이터시트(PDF) 69 Page - List of Unclassifed Manufacturers

부품명 PL75-7
상세설명  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

PL75-7 데이터시트(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button PL75-7 Datasheet HTML 65Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 66Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 67Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 68Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 69Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 70Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 71Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 72Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
69
50Ω Miniature coax patching
Miniature Patch Jack
TPS Jack
50Ω
3-lug
J8
50Ω
4-lug
J8FL
TCM Jack (not shown)
50Ω Threaded
J308
Call factory for other miniature coax products. Z = denotes impedance of connecting cable in ohms
Adapter
50Ω Miniature patch plug to 50Ω tps jack ....
ADM1
Miniature Patch Jack
Solder Pot
50Ω
J8D
Adapter
50Ω Miniature patch plug
to 50Ω BNC Jack
ADM2
Adapter
Fixed Paralleling
50Ω TPS - One Jack, Two Plugs
PNM2
Patch Cord
50Ω Miniature Patch Plugs
PCM-L-Z
Patch Cord
50Ω Miniature Patch Plug to TPS Plug
PCMX-L-Z
Miniature Looping Plug
Handle Color: Green = 50Ω,
Violet = 75Ω, White = 93Ω
LPM-Z
Miniature Patch Plug
50Ω Shield Crimp
PL3C-
1.362
.300
.375 DIA
TPS RECEPTACLE
3125-32-UNEF-2A
PER DOD-HDBK-H28
.165
.295
DIA
.343 HEX
.23
DIA
1.80
.77
.38
1.366
.3125-32-UNEF-2A
.165
.375
DIA
SOLDER POT ACCEPTS
.042 DIA CONDUCTOR
1.049
.078 DIA HOLE
1.940
1/4 WRENCH FLATS
11/32 HEX
.227
DIA
;;;;
;;;;
;;;;
2.116
1.096
BNC
;;;;
;;;;
;;;;
PL3 PATCH PLUG
.437 HEX
.562
.500
.87
.366
DIA
TYP
1.19
.300
DIA
.50
.38
"L"
LENGTH
;;
;;
;;
;;;
;;;
;;;
"L"
LENGTH
;;
;;
;;
;;;
;;;
;;;
.500
.950
2.800
2.000
Feed Thru Bulkhead Mount
Miniature Patch Jack
50Ω
J8FT
.375 WRENCH FLATS
SEALING GASKET
FLAT WASHER
.500
DIA
1.035
1.372
LOCK WASHER
.375-32UNEF-2A
.500 HEX NUT
.580
DIA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com