전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PL75-7 데이터시트(PDF) 72 Page - List of Unclassifed Manufacturers

부품명 PL75-7
상세설명  RF interconnect products
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

PL75-7 데이터시트(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button PL75-7 Datasheet HTML 68Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 69Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 70Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 71Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 72Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 73Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 74Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 75Page - List of Unclassifed Manufacturers PL75-7 Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 141 page
background image
R
Trompeter Products Catalog - T21 Military/Aerospace
ISO 9001
Registered
(800) 982-2629
Fax: (818) 706-1040
www.trompeter.com
72
1
2345
6
Qty
Conn 1
/
Cable
/
Conn 2
/
Length
/
Special Requirements
12
UPL220
/
735A
/
PL11C
/
60”
/
Bend relief on Conn 1
////
////
1
Quantity ................................................................................ Select quantity
2
Conn1 ..................................................... Select connector type from catalog.
3
Cable ............................................................ Select cable from pages 91-133.
4
Conn2 .................................................... Select connector type from catalog.
5
Length ............................................................................................... In inches
6
Write out any special marking, testing, bend relief, packaging, or other requirements.
Example Shown: 60 inch coax cable assembly using AT&T 735A, BNC plug, and Mini-WECo patch plug with bend relief on BNC plug.
Quality Assurance... ISO 9001 Registered
Trompeter’s assemblies are 100% electrically tested for continuity, shorts, and Hi-Pot.
(VSWR, IR, Insertion / Return Loss test capabilities, SPC data available on request).
Custom cable assemblies
Custom Cable Assemblies
Trompeter provides all the flexibility and response of a
small cable shop, with the quality system and design
control of a major connector manufacturer. For over 35
years, Trompeter has been producing high quality cable
assemblies, and currently provides over 500,000 different
configurations using a broad range of RF connectors and
cable types. We stock a variety of components for camera,
RGB, S-Video, Audio, and many other applications.
Capabilities
Trompeter can provide coax, twinax, and triax cable
assemblies using any cable attached connector. This
includes panel mount, data bus, multi-pin , D-Subs, SMA
connectors, and patching products. Special marking (ID
sleeves/tags, hot stamping, colored cable jacket, etc.) is
available. Trompeter offers 24-48 hour turnaround on
many standard products with full capabilities for sustained
volume delivery. Deliveries can be adjusted to meet your
specific needs.
Request For Quote... Please refer to the following guideline when requesting a quote:
Photo: Twinax/Triax connectors on ruggedized dual twinax/triax test cable
(fire retardent cables).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com