전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M28W320FCT10ZB6F 데이터시트(PDF) 66 Page - STMicroelectronics

부품명 M28W320FCT10ZB6F
상세설명  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT10ZB6F 데이터시트(HTML) 66 Page - STMicroelectronics

Back Button M28W320FCT10ZB6F Datasheet HTML 61Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 62Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 63Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 64Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 65Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 66Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 67Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 68Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 69 page
background image
Command interface and Program/Erase Controller state
M28W320FCT, M28W320FCB
66/69
Table 33.
Write State Machine Current/Next, sheet 2 of 2 (1)
Current State
Command Input (and Next State)
Read
Elect.Sg.
(90h)
Read CFI
Query
(98h)
Lock Setup
(60h)
Prot. Prog.
Setup (C0h)
Lock
Confirm
(01h)
Lock Down
Confirm
(2Fh)
Unlock
Confirm
(D0h)
Read Array
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Read Status
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Read Elect.Sg.
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Read CFI
Query
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Lock Setup
Lock Command Error
Lock (complete)
Lock Cmd
Error
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Lock
(complete)
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Prot. Prog.
Setup
Protection Register Program
Prot. Prog.
(continue)
Protection Register Program (continue)
Prot. Prog.
(complete)
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array
Prog. Setup
Program
Program
(continue)
Program (continue)
Prog. Suspend
Read Status
Prog.
Suspend
Read
Elect.Sg.
Prog. Suspend
Read CFI
Query
Program Suspend Read Array
Program
(continue)
Prog. Suspend
Read Array
Prog.
Suspend
Read
Elect.Sg.
Prog. Suspend
Read CFI
Query
Program Suspend Read Array
Program
(continue)
Prog. Suspend
Read Elect.Sg.
Prog.
Suspend
Read
Elect.Sg.
Prog. Suspend
Read CFI
Query
Program Suspend Read Array
Program
(continue)
Prog. Suspend
Read CFI
Prog.
Suspend
Read
Elect.Sg.
Prog. Suspend
Read CFI
Query
Program Suspend Read Array
Program
(continue)
Program
(complete)
Read
Elect.Sg.
Read
CFIQuery
Lock Setup
Prot. Prog.
Setup
Read Array
Erase Setup
Erase Command Error
Erase
(continue)
Erase
Cmd.Error
Read
Elect.Sg.
Read CFI
Query
Lock Setup
Prot. Prog.
Setup
Read Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com