전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M28W320FCT10ZB6F 데이터시트(PDF) 51 Page - STMicroelectronics

부품명 M28W320FCT10ZB6F
상세설명  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT10ZB6F 데이터시트(HTML) 51 Page - STMicroelectronics

Back Button M28W320FCT10ZB6F Datasheet HTML 47Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 48Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 49Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 50Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 51Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 52Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 53Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 54Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 69 page
background image
M28W320FCT, M28W320FCB
Common Flash Interface (CFI)
51/69
Appendix B
Common Flash Interface (CFI)
The Common Flash Interface is a JEDEC approved, standardized data structure that can be
read from the Flash memory device. It allows a system software to query the device to
determine various electrical and timing parameters, density information and functions
supported by the memory. The system can interface easily with the device, enabling the
software to upgrade itself when necessary.
When the CFI Query Command (RCFI) is issued the device enters CFI Query mode and the
data structure is read from the memory. Table 26, Table 27, Table 28, Table 29, Table 30 and
Table 31 show the addresses used to retrieve the data.
The CFI data structure also contains a security area where a 64 bit unique security number
is written (see Table 31: Security Code Area). This area can be accessed only in Read
mode by the final user. It is impossible to change the security number after it has been
written by ST. Issue a Read command to return to Read mode.
Table 26.
Query Structure Overview(1)
Offset
Sub-section Name
Description
00h
Reserved
Reserved for algorithm-specific information
10h
CFI Query Identification String
Command set ID and algorithm data offset
1Bh
System Interface Information
Device timing & voltage information
27h
Device Geometry Definition
Flash device layout
P
Primary Algorithm-specific Extended Query table
Additional information specific to the Primary
Algorithm (optional)
A
Alternate Algorithm-specific Extended Query table
Additional information specific to the Alternate
Algorithm (optional)
1.
Query data are always presented on the lowest order data outputs.
Table 27.
CFI Query Identification String(1)
Offset
Data
Description
Value
00h
0020h
Manufacturer Code
ST
01h
88BAh
88BBh
Device Code
Top
Bottom
02h-0Fh reserved Reserved
10h
0051h
"Q"
11h
0052h
Query Unique ASCII String "QRY"
"R"
12h
0059h
"Y"
13h
0003h
Primary Algorithm Command Set and Control Interface ID code 16 bit
ID code defining a specific algorithm
Intel compatible
14h
0000h
15h
0035h
Address for Primary Algorithm extended Query table (see Table 29)
P = 35h
16h
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com