전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M28W320FCT10ZB6F 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 M28W320FCT10ZB6F
상세설명  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT10ZB6F 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button M28W320FCT10ZB6F Datasheet HTML 7Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 8Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 9Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 10Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 11Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 12Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 13Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 14Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
M28W320FCT, M28W320FCB
Summary description
11/69
Figure 4.
Block Addresses
1.
Also see Appendix A, Table 24 and Table 25 for a full listing of the Block Addresses.
Figure 5.
Protection Register Memory Map
AI09902
4 KWords
1FFFFF
1FF000
32 KWords
00FFFF
008000
32 KWords
007FFF
000000
M28W320FCT
Top Boot Block Addresses
4 KWords
1F8FFF
1F8000
32 KWords
1F0000
1F7FFF
Total of 8
4 KWord Blocks
Total of 63
32 KWord Blocks
4 KWords
1FFFFF
1F8000
32 KWords
32 KWords
000FFF
000000
M28W320FCB
Bottom Boot Block Addresses
4 KWords
1F7FFF
00FFFF
32 KWords
1F0000
008000
Total of 63
32 KWord Bloc
Total of 8
4 KWord Block
007FFF
007000
AI05520
User Programmable OTP
Unique device number
Protection Register Lock
2(1)
10
8Ch
85h
84h
81h
80h
PROTECTION REGISTER
Note1. Bit 2 of the Protection Register Lock must not be programmed to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com