전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 188 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 188 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 184Page - Microchip Technology PIC18F4331 Datasheet HTML 185Page - Microchip Technology PIC18F4331 Datasheet HTML 186Page - Microchip Technology PIC18F4331 Datasheet HTML 187Page - Microchip Technology PIC18F4331 Datasheet HTML 188Page - Microchip Technology PIC18F4331 Datasheet HTML 189Page - Microchip Technology PIC18F4331 Datasheet HTML 190Page - Microchip Technology PIC18F4331 Datasheet HTML 191Page - Microchip Technology PIC18F4331 Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 400 page
background image
PIC18F2331/2431/4331/4431
DS39616C-page 186
Preliminary
© 2007 Microchip Technology Inc.
REGISTER 17-1:
PTCON0: PWM TIMER CONTROL REGISTER 0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PTOPS3
PTOPS2
PTOPS1
PTOPS0
PTCKPS1
PTCKPS0
PTMOD1
PTMOD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
PTOPS3:PTOPS0: PWM Time Base Output Postscale Select bits
0000 = 1:1 Postscale
0001 = 1:2 Postscale
.
.
.
1111 = 1:16 Postscale
bit 3-2
PTCKPS1:PTCKPS0: PWM Time Base Input Clock Prescale Select bits
00 = PWM time base input clock is FOSC/4 (1:1 prescale)
01 = PWM time base input clock is FOSC/16 (1:4 prescale)
10 = PWM time base input clock is FOSC/64 (1:16 prescale)
11 = PWM time base input clock is FOSC/256 (1:64 prescale)
bit 1-0
PTMOD1:PTMOD0: PWM Time Base Mode Select bits
11 = PWM time base operates in a Continuous Up/Down Count mode with interrupts for double PWM
updates
10 = PWM time base operates in a Continuous Up/Down Count mode
01 = PWM time base configured for Single-Shot mode
00 = PWM time base operates in a Free-Running mode
REGISTER 17-2:
PTCON1: PWM TIMER CONTROL REGISTER 1
R/W-0
R-0
U-0
U-0
U-0
U-0
U-0
U-0
PTEN
PTDIR
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
PTEN: PWM Time Base Timer Enable bit
1 = PWM time base is on
0 = PWM time base is off
bit 6
PTDIR: PWM Time Base Count Direction Status bit
1 = PWM time base counts down
0 = PWM time base counts up
bit 5-0
Unimplemented: Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com