전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 192 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 192 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 188Page - Microchip Technology PIC18F4331 Datasheet HTML 189Page - Microchip Technology PIC18F4331 Datasheet HTML 190Page - Microchip Technology PIC18F4331 Datasheet HTML 191Page - Microchip Technology PIC18F4331 Datasheet HTML 192Page - Microchip Technology PIC18F4331 Datasheet HTML 193Page - Microchip Technology PIC18F4331 Datasheet HTML 194Page - Microchip Technology PIC18F4331 Datasheet HTML 195Page - Microchip Technology PIC18F4331 Datasheet HTML 196Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 400 page
background image
PIC18F2331/2431/4331/4431
DS39616C-page 190
Preliminary
© 2007 Microchip Technology Inc.
17.4.2
INTERRUPTS IN SINGLE-SHOT
MODE
When the PWM time base is in the Single-Shot mode
(PTMOD<1:0> = 01), an interrupt event is generated
when a match with the PTPER register occurs. The
PWM Time Base register (PTMR) is reset to zero on
the following input clock edge and the PTEN bit is
cleared. The postscaler selection bits have no effect in
this Timer mode.
17.4.3
INTERRUPTS IN CONTINUOUS
UP/DOWN COUNT MODE
In
the
Continuous
Up/Down
Count
mode
(PTMOD<1:0> = 10), an interrupt event is generated
each time the value of the PTMR register becomes
zero and the PWM time base begins to count upwards.
The postscaler selection bits may be used in this mode
of the timer to reduce the frequency of the interrupt
events. Figure 17-7 shows the interrupts in Continuous
Up/Down Count mode.
FIGURE 17-6:
PWM TIME BASE INTERRUPT TIMING, SINGLE-SHOT MODE
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
1
1
FOSC/4
PTMR
FFEh
FFFh
000h
000h
000h
1
PTIF bit
2
Note 1: Interrupt flag bit, PTIF, is sampled here (every Q1).
2: PWM Time Base Period register, PTPER, is loaded with the value FFFh for this example.
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
1
1
PTMR
FFEh
FFFh
000h
000h
1
2
A: PRESCALER = 1:1
B: PRESCALER = 1:4
PTMR_INT_REQ
Q4
Q4
PTIF bit
PTMR_INT_REQ
000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com