전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 191 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 191 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 187Page - Microchip Technology PIC18F4331 Datasheet HTML 188Page - Microchip Technology PIC18F4331 Datasheet HTML 189Page - Microchip Technology PIC18F4331 Datasheet HTML 190Page - Microchip Technology PIC18F4331 Datasheet HTML 191Page - Microchip Technology PIC18F4331 Datasheet HTML 192Page - Microchip Technology PIC18F4331 Datasheet HTML 193Page - Microchip Technology PIC18F4331 Datasheet HTML 194Page - Microchip Technology PIC18F4331 Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 189
PIC18F2331/2431/4331/4431
Table 17-1 shows the minimum PWM frequencies that
can be generated with the PWM time base and the
prescaler.
An
operating
frequency
of
40 MHz
(FCYC = 10 MHz) and PTPER = 0xFFF is assumed in
the table. The PWM module must be capable of gener-
ating PWM signals at the line frequency (50 Hz or
60 Hz) for certain power control applications.
TABLE 17-1:
MINIMUM PWM FREQUENCY
17.3.5
PWM TIME BASE POSTSCALER
The match output of PTMR can optionally be
postscaled through a 4-bit postscaler (which gives a
1:1 to 1:16 scaling inclusive) to generate an interrupt.
The postscaler counter is cleared when any of the
following occurs:
• Write to the PTMR register
• Write to the PTCON register
• Any device Reset
The PTMR register is not cleared when PTCON is
written.
17.4
PWM Time Base Interrupts
The PWM timer can generate interrupts based on the
modes of operation selected by the PTMOD<1:0> bits
and the postscaler bits (PTOPS<3:0>).
17.4.1
INTERRUPTS IN FREE-RUNNING
MODE
When the PWM time base is in the Free-Running mode
(PTMOD<1:0> = 00), an interrupt event is generated
each time a match with the PTPER register occurs. The
PTMR register is reset to zero in the following clock edge.
Using a postscaler selection other than 1:1 will reduce
the frequency of interrupt events.
FIGURE 17-5:
PWM TIME BASE INTERRUPT TIMING, FREE-RUNNING MODE
Minimum PWM Frequencies vs. Prescaler Value
for FCYC = 10 MIPS (PTPER = 0FFFh)
Prescale
PWM Frequency
Edge-Aligned
PWM Frequency
Center-Aligned
1:1
2441 Hz
1221 Hz
1:4
610 Hz
305 Hz
1:16
153 Hz
76 Hz
1:64
38 Hz
19 Hz
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
Q2
Q1
Q3
Q4
FOSC/4
PTMR_INT_REQ
FFEh
FFFh
000h
001h
002h
PTIF bit
1
Note 1: PWM Time Base Period register, PTPER, is loaded with the value FFFh for this example.
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
Qc
PTIF bit
PTMR
FFEh
FFFh
001h
002h
1
A: PRESCALER = 1:1
B: PRESCALER = 1:4
PTMR
PTMR_INT_REQ
Q4
Q4
000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com