전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 189 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 189 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 185Page - Microchip Technology PIC18F4331 Datasheet HTML 186Page - Microchip Technology PIC18F4331 Datasheet HTML 187Page - Microchip Technology PIC18F4331 Datasheet HTML 188Page - Microchip Technology PIC18F4331 Datasheet HTML 189Page - Microchip Technology PIC18F4331 Datasheet HTML 190Page - Microchip Technology PIC18F4331 Datasheet HTML 191Page - Microchip Technology PIC18F4331 Datasheet HTML 192Page - Microchip Technology PIC18F4331 Datasheet HTML 193Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 400 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39616C-page 187
PIC18F2331/2431/4331/4431
REGISTER 17-3:
PWMCON0: PWM CONTROL REGISTER 0
U-0
R/W-1(1)
R/W-1(1)
R/W-1(1)
R/W-0
R/W-0
R/W-0
R/W-0
—
PWMEN2
PWMEN1
PWMEN0
PMOD3(3)
PMOD2
PMOD1
PMOD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented: Read as ‘0’
bit 6-4
PWMEN2:PWMEN0: PWM Module Enable bits(1)
111 = All odd PWM I/O pins enabled for PWM output(2)
110 = PWM1, PWM3 pins enabled for PWM output
101 = All PWM I/O pins enabled for PWM output(2)
100 = PWM0, PWM1, PWM2, PWM3, PWM4 and PWM5 pins enabled for PWM output
011 = PWM0, PWM1, PWM2 and PWM3 I/O pins enabled for PWM output
010 = PWM0 and PWM1 pins enabled for PWM output
001 = PWM1 pin is enabled for PWM output
000 = PWM module disabled; all PWM I/O pins are general purpose I/O
bit 3-0
PMOD3:PMOD0: PWM Output Pair Mode bits
For PMOD0:
1 = PWM I/O pin pair (PWM0, PWM1) is in the Independent mode
0 = PWM I/O pin pair (PWM0, PWM1) is in the Complementary mode
For PMOD1:
1 = PWM I/O pin pair (PWM2, PWM3) is in the Independent mode
0 = PWM I/O pin pair (PWM2, PWM3) is in the Complementary mode
For PMOD2:
1 = PWM I/O pin pair (PWM4, PWM5) is in the Independent mode
0 = PWM I/O pin pair (PWM4, PWM5) is in the Complementary mode
For PMOD3:(3)
1 = PWM I/O pin pair (PWM6, PWM7) is in the Independent mode
0 = PWM I/O pin pair (PWM6, PWM7) is in the Complementary mode
Note 1:
Reset condition of PWMEN bits depends on PWMPIN Configuration bit.
2:
When PWMEN2:PWMEN0 = 101, PWM<5:0> outputs are enabled for PIC18F2331/2431 devices;
PWM<7:0> outputs are enabled for PIC18F4331/4431 devices.
When PWMEN2:PWMEN0 = 111, PWM outputs 1, 3 and 5 are enabled in PIC18F2331/2431 devices;
PWM outputs 1, 3, 5 and 7 are enabled in PIC18F4331/4431 devices.
3:
Unimplemented in PIC18F2331/2431 devices; maintain these bits clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com