전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC18F4331 데이터시트(PDF) 190 Page - Microchip Technology

부품명 PIC18F4331
상세설명  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 데이터시트(HTML) 190 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 186Page - Microchip Technology PIC18F4331 Datasheet HTML 187Page - Microchip Technology PIC18F4331 Datasheet HTML 188Page - Microchip Technology PIC18F4331 Datasheet HTML 189Page - Microchip Technology PIC18F4331 Datasheet HTML 190Page - Microchip Technology PIC18F4331 Datasheet HTML 191Page - Microchip Technology PIC18F4331 Datasheet HTML 192Page - Microchip Technology PIC18F4331 Datasheet HTML 193Page - Microchip Technology PIC18F4331 Datasheet HTML 194Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 400 page
background image
PIC18F2331/2431/4331/4431
DS39616C-page 188
Preliminary
© 2007 Microchip Technology Inc.
17.3.1
FREE-RUNNING MODE
In the Free-Running mode, the PWM Time Base regis-
ters (PTMRL and PTMRH) will begin counting upwards
until the value in the PWM Time Base Period register,
PTPER (PTPERL and PTPERH), is matched. The
PTMR registers will be reset on the following input
clock edge and the time base will continue counting
upwards as long as the PTEN bit remains set.
17.3.2
SINGLE-SHOT MODE
In the Single-Shot mode, the PWM time base will begin
counting upwards when the PTEN bit is set. When the
value in the PTMR register matches the PTPER regis-
ter, the PTMR register will be reset on the following
input clock edge and the PTEN bit will be cleared by the
hardware to halt the time base.
17.3.3
CONTINUOUS UP/DOWN COUNT
MODES
In Continuous Up/Down Count modes, the PWM time
base counts upwards until the value in the PTPER
register matches with the PTMR register. On the
following input clock edge, the timer counts
downwards. The PTDIR bit in the PTCON1 register is
read-only and indicates the counting direction. The
PTDIR bit is set when the timer counts downwards.
17.3.4
PWM TIME BASE PRESCALER
The input clock to PTMR (FOSC/4) has prescaler
options of 1:1, 1:4, 1:16 or 1:64. These are selected by
control bits, PTCKPS<1:0>, in the PTCON0 register.
The prescaler counter is cleared when any of the
following occurs:
• Write to the PTMR register
• Write to the PTCON (PTCON0 or PTCON1)
register
• Any device Reset
REGISTER 17-4:
PWMCON1: PWM CONTROL REGISTER 1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
SEVOPS3
SEVOPS2
SEVOPS1
SEVOPS0
SEVTDIR
—
UDIS
OSYNC
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
SEVOPS3:SEVOPS0: PWM Special Event Trigger Output Postscale Select bits
0000 = 1:1 Postscale
0001 = 1:2 Postscale
.
.
.
1111 = 1:16 Postscale
bit 3
SEVTDIR: Special Event Trigger Time Base Direction bit
1 = A Special Event Trigger will occur when the PWM time base is counting downwards
0 = A Special Event Trigger will occur when the PWM time base is counting upwards
bit 2
Unimplemented: Read as ‘0’
bit 1
UDIS: PWM Update Disable bit
1 = Updates from Duty Cycle and Period Buffer registers are disabled
0 = Updates from Duty Cycle and Period Buffer registers are enabled
bit 0
OSYNC: PWM Output Override Synchronization bit
1 = Output overrides via the OVDCON register are synchronized to the PWM time base
0 = Output overrides via the OVDCON register are asynchronous
Note:
Since the PWM compare outputs are
driven to the active state when the PWM
time base is counting downwards and
matches the duty cycle value, the PWM
outputs are held inactive during the first
half of the first period of the Continuous
Up/Down Count mode until PTMR begins
to count down from the PTPER value.
Note:
The PTMR register is not cleared when
PTCONx is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com