전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M58LT128HSB 데이터시트(PDF) 69 Page - STMicroelectronics

부품명 M58LT128HSB
상세설명  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HSB 데이터시트(HTML) 69 Page - STMicroelectronics

Back Button M58LT128HSB Datasheet HTML 65Page - STMicroelectronics M58LT128HSB Datasheet HTML 66Page - STMicroelectronics M58LT128HSB Datasheet HTML 67Page - STMicroelectronics M58LT128HSB Datasheet HTML 68Page - STMicroelectronics M58LT128HSB Datasheet HTML 69Page - STMicroelectronics M58LT128HSB Datasheet HTML 70Page - STMicroelectronics M58LT128HSB Datasheet HTML 71Page - STMicroelectronics M58LT128HSB Datasheet HTML 72Page - STMicroelectronics M58LT128HSB Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 110 page
background image
M58LT128HST, M58LT128HSB
DC and AC parameters
69/110
Figure 17.
Reset and Power-up ac waveforms
AI06976
W,
RP
E, G,
VDD, VDDQ
tVDHPH
tPLPH
Power-Up
Reset
tPLWL
tPLEL
tPLGL
tPLLL
L
tPHWL
tPHEL
tPHGL
tPHLL
Table 26.
Reset and Power-up ac characteristics
Symbol
Parameter
Test condition
85
Unit
tPLWL
tPLEL
tPLGL
tPLLL
Reset Low to
Write Enable Low,
Chip Enable Low,
Output Enable Low,
Latch Enable Low
During Program
Min
25
µs
During Erase
Min
25
µs
Read
Min
80
ns
Other conditions
Min
20
µs
tPHWL
tPHEL
tPHGL
tPHLL
Reset High to
Write Enable Low
Chip Enable Low
Output Enable Low
Latch Enable Low
Min
30
ns
tPLPH
(1),(2)
RP Pulse Width
Min
50
ns
tVDHPH
(3)
Supply Voltages High to Reset
High
Min
150
µs
1.
The device Reset is possible but not guaranteed if tPLPH < 50ns.
2.
Sampled only, not 100% tested.
3.
It is important to assert RP in order to allow proper CPU initialization during Power-Up or Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com