전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M58LT128HSB 데이터시트(PDF) 50 Page - STMicroelectronics

부품명 M58LT128HSB
상세설명  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HSB 데이터시트(HTML) 50 Page - STMicroelectronics

Back Button M58LT128HSB Datasheet HTML 46Page - STMicroelectronics M58LT128HSB Datasheet HTML 47Page - STMicroelectronics M58LT128HSB Datasheet HTML 48Page - STMicroelectronics M58LT128HSB Datasheet HTML 49Page - STMicroelectronics M58LT128HSB Datasheet HTML 50Page - STMicroelectronics M58LT128HSB Datasheet HTML 51Page - STMicroelectronics M58LT128HSB Datasheet HTML 52Page - STMicroelectronics M58LT128HSB Datasheet HTML 53Page - STMicroelectronics M58LT128HSB Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 110 page
background image
Block protection
M58LT128HST, M58LT128HSB
50/110
9.4
Protection operations during Erase Suspend
Changes to block protection status can be performed during an erase suspend by using the
standard protection command sequences to unprotect or protect a block. This is useful in
the case when another block needs to be updated while an erase operation is in progress.
To change block protection during an erase operation, first write the Erase Suspend
command, then check the Status Register until it indicates that the erase operation has
been suspended. Next write the desired Protect command sequence to a block and the
protection status will be changed. After completing any desired protect, read, or program
operations, resume the erase operation with the Erase Resume command.
If a block is protected during an erase suspend of the same block, the erase operation will
complete when the erase is resumed. Protection operations cannot be performed during a
program suspend.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More