전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M58LT128HSB 데이터시트(PDF) 86 Page - STMicroelectronics

부품명 M58LT128HSB
상세설명  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HSB 데이터시트(HTML) 86 Page - STMicroelectronics

Back Button M58LT128HSB Datasheet HTML 82Page - STMicroelectronics M58LT128HSB Datasheet HTML 83Page - STMicroelectronics M58LT128HSB Datasheet HTML 84Page - STMicroelectronics M58LT128HSB Datasheet HTML 85Page - STMicroelectronics M58LT128HSB Datasheet HTML 86Page - STMicroelectronics M58LT128HSB Datasheet HTML 87Page - STMicroelectronics M58LT128HSB Datasheet HTML 88Page - STMicroelectronics M58LT128HSB Datasheet HTML 89Page - STMicroelectronics M58LT128HSB Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 110 page
background image
Common Flash Interface
M58LT128HST, M58LT128HSB
86/110
Table 36.
Protection Register information
Offset
Data
Description
Value
(P+E)h = 118h
0002h
Number of Protection Register fields in JEDEC ID space.
0000h indicates that 256 fields are available.
2
(P+F)h = 119h
0080h
Protection Field 1: Protection Description
Bits 0-7 Lower byte of Protection Register address
Bits 8-15 Upper byte of Protection Register address
Bits 16-23 2n bytes in factory pre-programmed region
Bits 24-31 2n bytes in user programmable region
80h
(P+10)h = 11Ah
0000h
00h
(P+ 11)h = 11Bh
0003h
8 bytes
(P+12)h = 11Ch
0003h
8 bytes
(P+13)h = 11Dh
0089h
Protection Register 2: Protection Description
Bits 0-31 Protection Register address
Bits 32-39 n number of factory programmed regions (lower
byte)
Bits 40-47 n number of factory programmed regions (upper
byte)
Bits 48-55 2n bytes in factory programmable region
Bits 56-63 n number of user programmable regions (lower
byte)
Bits 64-71 n number of user programmable regions (upper
byte)
Bits 72-79 2n bytes in user programmable region
89h
(P+14)h = 11Eh
0000h
00h
(P+15)h = 11Fh
0000h
00h
(P+16)h = 120h
0000h
00h
(P+17)h = 121h
0000h
0
(P+18)h = 122h
0000h
0
(P+19)h = 123h
0000h
0
(P+1A)h = 124h
0010h
16
(P+1B)h = 125h
0000h
0
(P+1C)h = 126h
0004h
16
Table 37.
Burst Read information
Offset
Data
Description
Value
(P+1D)h = 127h
0003h
Page-mode read capability
bits 0-7 n’ such that 2n HEX value represents the number of
read-page bytes. See offset 0028h for device word width to
determine page-mode data output width.
8 bytes
(P+1E)h = 128h
0004h
Number of synchronous mode read configuration fields that
follow.
4
(P+1F)h = 129h
0001h
Synchronous mode read capability configuration 1
bit 3-7 Reserved
bit 0-2 n’ such that 2n+1 HEX value represents the maximum
number of continuous synchronous reads when the device is
configured for its maximum word width. A value of 07h
indicates that the device is capable of continuous linear
bursts that will output data until the internal burst counter
reaches the end of the device’s burstable address space.
This field’s 3-bit value can be written directly to the read
Configuration Register bit 0-2 if the device is configured for
its maximum word width. See offset 0028h for word width to
determine the burst data output width.
4
(P+20)h = 12Ah
0002h Synchronous mode read capability configuration 2
8
(P-21)h = 12Bh
(P+22)h = 12Ch
0003h
0007h
Synchronous mode read capability configuration 3
16
Synchronous mode read capability configuration 4
Cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com