전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M58LT128HSB 데이터시트(PDF) 42 Page - STMicroelectronics

부품명 M58LT128HSB
상세설명  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HSB 데이터시트(HTML) 42 Page - STMicroelectronics

Back Button M58LT128HSB Datasheet HTML 38Page - STMicroelectronics M58LT128HSB Datasheet HTML 39Page - STMicroelectronics M58LT128HSB Datasheet HTML 40Page - STMicroelectronics M58LT128HSB Datasheet HTML 41Page - STMicroelectronics M58LT128HSB Datasheet HTML 42Page - STMicroelectronics M58LT128HSB Datasheet HTML 43Page - STMicroelectronics M58LT128HSB Datasheet HTML 44Page - STMicroelectronics M58LT128HSB Datasheet HTML 45Page - STMicroelectronics M58LT128HSB Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 110 page
background image
Configuration Register
M58LT128HST, M58LT128HSB
42/110
0
0-1-2-3
0-1-2-3-4-5-6-
7
0-1-2-3-4-5-6-7-8-9-10-
11-12-13-14-15
Same as for Wrap
(Wrap /No Wrap has no effect
on Continuous Burst)
1
1-2-3-4
1-2-3-4-5-6-7-
8
1-2-3-4-5-6-7-8-9-10-
11-12-13-14-15-WAIT-
16
2
2-3-4-5
2-3-4-5-6-7-8-
9...
2-3-4-5-6-7-8-9-10-11-
12-13-14-15-WAIT-
WAIT-16-17
3
3-4-5-6
3-4-5-6-7-8-9-
10
3-4-5-6-7-8-9-10-11-12-
13-14-15-WAIT-WAIT-
WAIT-16-17-18
...
7
7-8-9-10
7-8-9-10-11-
12-13-14
7-8-9-10-11-12-13-14-
15-WAIT-WAIT-WAIT-
16-17-18-19-20-21-22
...
12
12-13-14-
15
12-13-14-15-
16-17-18-19
12-13-14-15-16-17-18-
19-20-21-22-23-24-25-
26-27
13
13-14-15-
WAIT-16
13-14-15-
WAIT-16-17-
18-19-20
13-14-15-WAIT-16-17-
18-19-20-21-22-23-24-
25-26-27-28
14
14-15-
WAIT-
WAIT-16-
17
14-15-WAIT-
WAIT-16-17-
18-19-20-21
14-15-WAIT-WAIT-16-
17-18-19-20-21-22-23-
24-25-26-27-28-29
15
15-WAIT-
WAIT-
WAIT-16-
17-18
15-WAIT-
WAIT-WAIT-
16-17-18-19-
20-21-22
15-WAIT-WAIT-WAIT-
16-17-18-19-20-21-22-
23-24-25-26-27-28-29-
30
Table 12.
Burst type definition (continued)
Start
Add
Sequential
Continuous Burst
4 words
8 words
16 words



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com