| 전자부품 데이터시트 검색엔진 |
|
CLRC63201T/0FE 데이터시트(PDF) 65 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
CLRC63201T/0FE 데이터시트(HTML) 65 Page - NXP Semiconductors |
|
65 / 163 page ![]() Philips Semiconductors Product Specification Rev. 3.0; May 2003 Multiple Protocol Contactless Reader IC CL RC632 65 Confidential 5.2.8.3 TestAnaSelect Register Selects analog test signals. Name: TestAnaSelect Address: 0x3A Reset value: 00000000, 0x00 7 6 5 4 3 2 1 0 0 0 0 0 TestAnaOutSel Access Rights w w w w w w w w Description of the bits Bit Symbol Function 7-4 0000 These values shall not be changed This register selects the internal analog signal that is routed to pin AUX. For detailed information see 21.3 Value Signal Name 3-0 TestAnaOutSel 0 1 2 3 4 5 6 7 8 9 A B C D E F Vmid Vbandgap VRxFollI VRxFollQ VRxAmpI VRxAmpQ VCorrNI VCorrNQ VCorrDI VCorrDQ VEvalL VEvalR VTemp RFU RFU RFU |