전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CLRC63201T/0FE 데이터시트(PDF) 99 Page - NXP Semiconductors

부품명 CLRC63201T/0FE
상세설명  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE 데이터시트(HTML) 99 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 95Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 96Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 97Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 98Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 99Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 100Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 101Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 102Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 103Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
99
Confidential
13.2 Operating Distance versus Power Consumption
The user has the possibility to find a trade-off between maximum achievable operating distance and power
consumption using different antenna matching circuits by varying the supply voltage at the antenna driver
supply pin TVDD. Different antenna matching circuits are described in the Application Note, MIFARE
Design of MF RC500 Matching Circuit and Antennas.
13.3 Antenna Driver Output Source Resistance
The output source conductance of TX1 and TX2 for driving a HIGH level may be adjusted via the value
GsCfgCW in the CwConductance Register in the range from about 1 up to 100 Ohm. The output source
conductance of Tx1 and TX2 during the modulation phase may be adjusted via the value GsCfgMod in the
ModConductance Register in the same range. The values given are relative to the reference resistance Rsrel,
that is measured during production test and stored in the CL RC632 E²PROM. It can be obtained from the
Product Information Field (see chapter 6.2). The electrical specification can be found in chapter 22.4.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More