전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CLRC63201T/0FE 데이터시트(PDF) 138 Page - NXP Semiconductors

부품명 CLRC63201T/0FE
상세설명  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE 데이터시트(HTML) 138 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 134Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 135Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 136Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 137Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 138Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 139Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 140Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 141Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 142Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
138
Confidential
19.3 Performing MIFAREClassic Authentication
To enable authentication of MIFAREClassic cards the Crypto1 security algorithm is implemented. To obtain
valid authentication, the correct key has to be available in the key buffer of the CL RC632.
Step 1: Load the internal key buffer by means of the LoadKeyE2- (see 18.9.1) or the LoadKey-Command
(see 18.9.2).
Step 2: Start the Authent1-Command (see 18.9.3). When finished, check the error flags to obtain the
status of the command execution.
Step 3: Start the Authent2-Command (see 18.9.4). When finished, check the error flags and bit
Crypto1On to obtain the status of the command execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More