| 전자부품 데이터시트 검색엔진 |
|
PIC16F883-E/MLQTP 데이터시트(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/MLQTP 데이터시트(HTML) 46 Page - Microchip Technology |
|
46 / 288 page ![]() PIC16F882/883/884/886/887 DS41291D-page 44 Preliminary © 2007 Microchip Technology Inc. 3.2.3.4 RA3/AN3/VREF+/C1IN+ Figure 3-4 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose input • an analog input for the ADC • a positive voltage reference input for the ADC and CVREF • a positive analog input to Comparator C1 FIGURE 3-4: BLOCK DIAGRAM OF RA3 3.2.3.5 RA4/T0CKI/C1OUT Figure 3-5 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • a clock input for Timer0 • a digital output from Comparator C1 FIGURE 3-5: BLOCK DIAGRAM OF RA4 I/O Pin VDD VSS D Q CK Q D Q CK Q Analog(1) Input Mode Data Bus RD PORTA WR PORTA WR TRISA RD TRISA Note 1: ANSEL determines Analog Input mode. To Comparator (VREF+) To Comparator (positive input) To A/D Converter (VREF+) To A/D Converter (analog channel) I/O Pin VDD VSS D Q CK Q D Q CK Q Data Bus RD PORTA WR PORTA WR TRISA RD TRISA 0 1 C1OUT C1OUT Enable To Timer0 |