| 전자부품 데이터시트 검색엔진 |
|
PIC16F883-E/MLQTP 데이터시트(PDF) 57 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F883-E/MLQTP 데이터시트(HTML) 57 Page - Microchip Technology |
|
57 / 288 page ![]() © 2007 Microchip Technology Inc. Preliminary DS41291D-page 55 PIC16F882/883/884/886/887 3.5.4 RC3/SCK/SCL Figure 3-14 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • a SPI clock •an I2C™ clock FIGURE 3-14: BLOCK DIAGRAM OF RC3 3.5.5 RC4/SDI/SDA Figure 3-15 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • a SPI data I/O •an I2C data I/O FIGURE 3-15: BLOCK DIAGRAM OF RC4 3.5.6 RC5/SDO Figure 3-16 shows the diagram for this pin. This pin is configurable to function as one of the following: • a general purpose I/O • a serial data output FIGURE 3-16: BLOCK DIAGRAM OF RC5 I/O Pin VDD VSS D Q CK Q D Q CK Q Data Bus RD PORTC WR PORTC WR TRISC RD TRISC To SSPSR SSPEN 0 1 1 0 SCK I/O Pin VDD VSS D Q CK Q D Q CK Q Data Bus RD PORTC WR PORTC WR TRISC RD TRISC To SSPSR SSPEN 0 1 1 0 SDI/SDA I/O Pin VDD VSS D Q CK Q D Q CK Q Data Bus RD PORTC WR PORTC WR TRISC RD TRISC Port/SDO 0 1 1 0 SDO Select |