| 전자부품 데이터시트 검색엔진 |
|
H838024R 데이터시트(PDF) 80 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H838024R 데이터시트(HTML) 80 Page - Renesas Technology Corp |
|
80 / 697 page ![]() Section 2 CPU Rev. 7.00 Mar 10, 2005 page 38 of 652 REJ09B0042-0700 2.5 Instruction Set The H8/300L Series can use a total of 55 instructions, which are grouped by function in table 2.3. Table 2.3 Instruction Set Function Instructions Number Data transfer MOV, PUSH* 1, POP*1 1 Arithmetic operations ADD, SUB, ADDX, SUBX, INC, DEC, ADDS, SUBS, DAA, DAS, MULXU, DIVXU, CMP, NEG 14 Logic operations AND, OR, XOR, NOT 4 Shift SHAL, SHAR, SHLL, SHLR, ROTL, ROTR, ROTXL, ROTXR 8 Bit manipulation BSET, BCLR, BNOT, BTST, BAND, BIAND, BOR, BIOR, BXOR, BIXOR, BLD, BILD, BST, BIST 14 Branch Bcc* 2, JMP, BSR, JSR, RTS 5 System control RTE, SLEEP, LDC, STC, ANDC, ORC, XORC, NOP 8 Block data transfer EEPMOV 1 Total: 55 Notes: 1. PUSH Rn is equivalent to MOV.W Rn, @–SP. POP Rn is equivalent to MOV.W @SP+, Rn. The same applies to the machine language. 2. Bcc is a conditional branch instruction in which cc represents a condition code. The following sections give a concise summary of the instructions in each category, and indicate the bit patterns of their object code. The notation used is defined next. |