| 전자부품 데이터시트 검색엔진 |
|
H838024R 데이터시트(PDF) 92 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H838024R 데이터시트(HTML) 92 Page - Renesas Technology Corp |
|
92 / 697 page ![]() Section 2 CPU Rev. 7.00 Mar 10, 2005 page 50 of 652 REJ09B0042-0700 2.5.6 Branching Instructions Table 2.9 describes the branching instructions. Figure 2.8 shows their object code formats. Table 2.9 Branching Instructions Instruction Size Function Bcc — Branches to the designated address if condition cc is true. The branching conditions are given below. Mnemonic Description Condition BRA (BT) Always (true) Always BRN (BF) Never (false) Never BHI High C ∨ Z = 0 BLS Low or same C ∨ Z = 1 BCC (BHS) Carry clear (high or same) C = 0 BCS (BLO) Carry set (low) C = 1 BNE Not equal Z = 0 BEQ Equal Z = 1 BVC Overflow clear V = 0 BVS Overflow set V = 1 BPL Plus N = 0 BMI Minus N = 1 BGE Greater or equal N ⊕ V = 0 BLT Less than N ⊕ V = 1 BGT Greater than Z ∨ (N ⊕ V) = 0 BLE Less or equal Z ∨ (N ⊕ V) = 1 JMP — Branches unconditionally to a specified address BSR — Branches to a subroutine at a specified address JSR — Branches to a subroutine at a specified address RTS — Returns from a subroutine |