전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASM330LHBG1 데이터시트(PDF) 46 Page - STMicroelectronics

부품명 ASM330LHBG1
상세설명  High-accuracy 6-axis inertial measurement unit (IMU) with extended temperature range for ASIL B automotive applications
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBG1 데이터시트(HTML) 46 Page - STMicroelectronics

Back Button ASM330LHBG1 Datasheet HTML 42Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 43Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 44Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 45Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 46Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 47Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 48Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 49Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 130 page
background image
9.9
INT1_CTRL (0Dh)
INT1 pin control register (R/W)
Each bit in this register enables a signal to be carried over INT1 when the MIPI I3C
℠ dynamic address is not
assigned (I²C or SPI is used). Some bits can be also used to trigger an IBI (in-band interrupt) when the MIPI I3C
℠
interface is used. The output of the pad is the OR combination of the signals selected here and in register
MD1_CFG (5Eh).
Table 36. INT1_CTRL register
DEN_DRDY
_flag
INT1_
CNT_BDR
INT1_
FIFO_FULL
INT1_
FIFO_OVR
INT1_
FIFO_TH
INT1_
BOOT
INT1_
DRDY_G
INT1_
DRDY_XL
Table 37. INT1_CTRL register description
DEN_DRDY_flag
Sends DEN_DRDY (DEN stamped on sensor data flag) to the INT1 pin.
INT1_CNT_BDR
Enables COUNTER_BDR_IA interrupt on the INT1.
INT1_FIFO_FULL
Enables FIFO full flag interrupt on the INT1 pin.
It can be also used to trigger an IBI when the MIPI I3C
℠ interface is used.
INT1_FIFO_OVR
Enables FIFO overrun interrupt on the INT1 pin.
It can be also used to trigger an IBI when the MIPI I3C
℠ interface is used.
INT1_FIFO_TH
Enables FIFO threshold interrupt on the INT1 pin.
It can be also used to trigger an IBI when the MIPI I3C
℠ interface is used.
INT1_BOOT
Enables boot status on the INT1 pin.
INT1_DRDY_G
Enables gyroscope data-ready interrupt on the INT1 pin.
It can be also used to trigger an IBI when the MIPI I3C
℠ interface is used.
INT1_DRDY_XL
Enables accelerometer data-ready interrupt on the INT1 pin.
It can be also used to trigger an IBI when the MIPI I3C
℠ interface is used.
ASM330LHBG1
Register description
DS14080 - Rev 1
page 46/130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More