전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ASM330LHBG1 데이터시트(PDF) 84 Page - STMicroelectronics

부품명 ASM330LHBG1
상세설명  High-accuracy 6-axis inertial measurement unit (IMU) with extended temperature range for ASIL B automotive applications
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ASM330LHBG1 데이터시트(HTML) 84 Page - STMicroelectronics

Back Button ASM330LHBG1 Datasheet HTML 80Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 81Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 82Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 83Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 84Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 85Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 86Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 87Page - STMicroelectronics ASM330LHBG1 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 130 page
background image
11.11
FSM_INT2_B (10h)
INT2 pin control register (R/W)
Each bit in this register enables a signal to be carried over INT2. The pin's output supplies the OR combination of
the selected signals.
Table 169. FSM_INT2_B register
INT2_FSM16
INT2_FSM15
INT2_FSM14
INT2_FSM13
INT2_FSM12
INT2_FSM11
INT2_FSM10
INT2_FSM9
Table 170. FSM_INT2_B register description
INT2_FSM16(1)
Routing FSM16 interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_FSM15(1)
Routing FSM15 interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_FSM14(1)
Routing FSM14 interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_FSM13(1)
Routing FSM13 interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_FSM12(1)
Routing FSM12 interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_FSM11(1)
Routing FSM11 interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_FSM10(1)
Routing FSM10 interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
INT2_FSM9(1)
Routing FSM9 interrupt event to INT2. Default value: 0
(0: routing to INT2 disabled; 1: routing to INT2 enabled)
1. This bit is activated if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1.
ASM330LHBG1
Embedded functions register description
DS14080 - Rev 1
page 84/130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More