| 전자부품 데이터시트 검색엔진 |
|
ASM330LHBG1 데이터시트(PDF) 86 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ASM330LHBG1 데이터시트(HTML) 86 Page - STMicroelectronics |
|
86 / 130 page ![]() 11.14 FSM_STATUS_A (13h) Finite state machine status register (R) Table 175. FSM_STATUS_A register IS_FSM8 IS_FSM7 IS_FSM6 IS_FSM5 IS_FSM4 IS_FSM3 IS_FSM2 IS_FSM1 Table 176. FSM_STATUS_A register description IS_FSM8 Interrupt status bit for FSM8 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM7 Interrupt status bit for FSM7 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM6 Interrupt status bit for FSM6 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM5 Interrupt status bit for FSM5 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM4 Interrupt status bit for FSM4 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM3 Interrupt status bit for FSM3 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM2 Interrupt status bit for FSM2 interrupt event. (1: interrupt detected; 0: no interrupt) IS_FSM1 Interrupt status bit for FSM1 interrupt event. (1: interrupt detected; 0: no interrupt) ASM330LHBG1 Embedded functions register description DS14080 - Rev 1 page 86/130 |