전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EL7158 데이터시트(PDF) 3 Page - Intersil Corporation

부품명 EL7158
상세설명  Ultra-High Current Pin Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7158 데이터시트(HTML) 3 Page - Intersil Corporation

  EL7158 Datasheet HTML 1Page - Intersil Corporation EL7158 Datasheet HTML 2Page - Intersil Corporation EL7158 Datasheet HTML 3Page - Intersil Corporation EL7158 Datasheet HTML 4Page - Intersil Corporation EL7158 Datasheet HTML 5Page - Intersil Corporation EL7158 Datasheet HTML 6Page - Intersil Corporation EL7158 Datasheet HTML 7Page - Intersil Corporation EL7158 Datasheet HTML 8Page - Intersil Corporation EL7158 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FN7349.2
May 14, 2007
Electrical Specifications
VS+ = +12V, VH = +1.2V, VL = 0V, VS- = 0V, TA = +25°C, unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITION
MIN
TYP
MAX
UNIT
INPUT
VIH
Logic ‘1’ Input Voltage
2.0
V
IIH
Logic ‘1’ Input Current
VIH = VS+0.1
10
µA
VIL
Logic ‘0’ Input Voltage
0.8
V
IIL
Logic ‘0’ Input Current
VIL = 0V
0.1
10
µA
CIN
Input Capacitance
3.5
pF
RIN
Input Resistance
50
M
Ω
OUTPUT
ROVH
ON-Resistance VH to OUT
IOUT = -500mA
0.5
1
Ω
ROVL
ON-Resistance VL to OUT
IOUT = +500mA
0.5
1
Ω
IOUT
Output Leakage Current
OE = 0V, OUT = VH/VL
0.1
10
µA
IPK
Peak Output Current
(linear resistive operation)
Source
1.2
A
Sink
1.2
A
IDC
Continuous Output Current
Source/Sink
500
mA
POWER SUPPLY
IS
Power Supply Current
Inputs = VS+1
2.5
mA
VH
Off Leakage at VH and VL
VH, VL = 0V
4
10
µA
SWITCHING CHARACTERISTICS
tR
Rise Time
CL = 2000pF
11
ns
tF
Fall Time
CL = 2000pF
11
ns
tRFΔ
tR, tF Mismatch
CL = 2000pF
0
ns
td-1
Turn-Off Delay Time
CL = 2000pF
20.5
ns
td-2
Turn-On Delay Time
CL = 2000pF
20.0
ns
t
td-1-td-2 Mismatch
CL = 2000pF
0.5
ns
td-3
Three-State Delay Enable
20
ns
td-4
Three-State Delay Disable
20
ns
SR+
VOUT+ Slew Rate
RLOAD = 6Ω
80
V/µs
SR-
VOUT- Slew Rate
RLOAD = 6Ω
80
V/µs
EL7158



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com