전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EL7158 데이터시트(PDF) 1 Page - Intersil Corporation

부품명 EL7158
상세설명  Ultra-High Current Pin Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7158 데이터시트(HTML) 1 Page - Intersil Corporation

  EL7158 Datasheet HTML 1Page - Intersil Corporation EL7158 Datasheet HTML 2Page - Intersil Corporation EL7158 Datasheet HTML 3Page - Intersil Corporation EL7158 Datasheet HTML 4Page - Intersil Corporation EL7158 Datasheet HTML 5Page - Intersil Corporation EL7158 Datasheet HTML 6Page - Intersil Corporation EL7158 Datasheet HTML 7Page - Intersil Corporation EL7158 Datasheet HTML 8Page - Intersil Corporation EL7158 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN7349.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2004, 2007. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL7158
Ultra-High Current Pin Driver
The EL7158 high performance pin
driver with three-state is suited to
many ATE and level-shifting
applications. The 12A peak drive capability makes this part
an excellent choice when driving high capacitance loads.
The output pin OUT is connected to input pins VH or VL
respectively, depending on the status of the IN pin. When the
OE pin is active low, the output is placed in the three-state
mode. The isolation of the output FETs from the power
supplies enables VH and VL to be set independently,
enabling level-shifting to be implemented. Related to the
EL7155, the EL7158 adds a lower supply pin VS- and makes
VL an isolated and independent input. This feature adds
applications flexibility and improves switching response due
to the increased enhancement of the output FETs.
This pin driver has improved performance over existing pin
drivers. It is specifically designed to operate at voltages
down to 0V across the switch elements while maintaining
good speed and ON-resistance characteristics.
Available in the 8 Ld SOIC package, the EL7158 is specified
for operation over the full -40°C to +85°C temperature range.
Pinout
EL7158
(8 LD SOIC)
TOP VIEW
Features
• Clocking speeds up to 40MHz
• 12ns tR/tF at 2000pF CLOAD
• 0.2ns rise and fall times mismatch
• 0.5ns tON-tOFF prop delay mismatch
• 3.5pF typical input capacitance
• 12A peak drive
• Low ON-resistance of 0.5
Ω
• High capacitive drive capability
• Operates from 4.5V to 12V
• Pb-free plus anneal available (RoHS compliant)
Applications
• ATE/burn-in testers
• Level shifting
•IGBT drivers
• CCD drivers
1
2
3
4
8
7
6
5
L
O
G
I
C
VS+
OE
IN
GND
VH
OUT
VL
VS-
Ordering Information
PART
NUMBER
PART
MARKING
PACKAGE
TAPE &
REEL
PKG.
DWG. #
EL7158IS
7158IS
8 Ld SOIC
-
MDP0027
EL7158IS-T7
7158IS
8 Ld SOIC
7”
MDP0027
EL7158IS-T13
7158IS
8 Ld SOIC
13”
MDP0027
EL7158ISZ
(Note)
7158ISZ
8 Ld SOIC
(Pb-free)
-
MDP0027
EL7158ISZ-T7
(Note)
7158ISZ
8 Ld SOIC
(Pb-free)
7”
MDP0027
EL7158ISZ-T13
(Note)
7158ISZ
8 Ld SOIC
(Pb-free)
13”
MDP0027
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
Data Sheet
May 14, 2007


유사한 부품 번호 - EL7158

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
EL7158 RENESAS-EL7158 Datasheet
488Kb / 9P
Ultra-High Current Pin Driver
logo
Intersil Corporation
EL7158 INTERSIL-EL7158 Datasheet
202Kb / 9P
Ultra-High Current Pin Driver
May 14, 2007
EL7158IS INTERSIL-EL7158IS Datasheet
202Kb / 9P
Ultra-High Current Pin Driver
May 14, 2007
logo
Renesas Technology Corp
EL7158IS RENESAS-EL7158IS Datasheet
488Kb / 9P
Ultra-High Current Pin Driver
logo
Intersil Corporation
EL7158IS-T13 INTERSIL-EL7158IS-T13 Datasheet
202Kb / 9P
Ultra-High Current Pin Driver
May 14, 2007
More results

유사한 설명 - EL7158

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
High Speed, High Current Capability Pin Driver
logo
Intersil Corporation
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
500MHz, Ultra High Speed Monolithic Pin Driver
October 1998
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Intersil Corporation
EL7156 INTERSIL-EL7156 Datasheet
232Kb / 10P
High Performance Pin Driver
logo
Analog Devices
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
High Speed, High Current Capability Pin Driver
REV. 0
logo
Intersil Corporation
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
High Performance Pin Driver
September 1, 2015
EL7158IS INTERSIL-EL7158IS Datasheet
202Kb / 9P
Ultra-High Current Pin Driver
May 14, 2007
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
High Performance Pin Driver
September 1, 2015
logo
Renesas Technology Corp
EL7156 RENESAS-EL7156 Datasheet
555Kb / 11P
High Performance Pin Driver
EL7158 RENESAS-EL7158 Datasheet
488Kb / 9P
Ultra-High Current Pin Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com