전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EL7158 데이터시트(PDF) 6 Page - Intersil Corporation

부품명 EL7158
상세설명  Ultra-High Current Pin Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7158 데이터시트(HTML) 6 Page - Intersil Corporation

  EL7158 Datasheet HTML 1Page - Intersil Corporation EL7158 Datasheet HTML 2Page - Intersil Corporation EL7158 Datasheet HTML 3Page - Intersil Corporation EL7158 Datasheet HTML 4Page - Intersil Corporation EL7158 Datasheet HTML 5Page - Intersil Corporation EL7158 Datasheet HTML 6Page - Intersil Corporation EL7158 Datasheet HTML 7Page - Intersil Corporation EL7158 Datasheet HTML 8Page - Intersil Corporation EL7158 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN7349.2
May 14, 2007
TABLE 1. TRUTH TABLE
OE
IN
OUT
0
0
Three-State
0
1
Three-State
10
VH
11
VL
TABLE 2. OPERATING VOLTAGE RANGE
PIN
MIN
MAX
VS- to GND
-5
0
VS+ to VS-5
18
VH to VL
012
VS+ to VH
012
VS+ to GND
5
12
VL to VS-0
12
Three-State Output
VL
VH
FIGURE 13. TIMING DIAGRAM
90%
td1
td2
tF
10%
INVERTED
OUTPUT
2.5V
5V
INPUT
0
tR
1
2
3
4
8
7
6
5
EL7158
VH
L
O
G
I
C
VL
VS-
VS+
OE
IN
GND
VS+
0.1µF
4.7µF
10k
Ω
-
0.1µF
4.7µF
0.1µF
4.7µF
OUT
-
0.1µF
4.7µF
FIGURE 14. STANDARD TEST CONFIGURATION
2000pF
EL7158



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com