전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EL7158 데이터시트(PDF) 4 Page - Intersil Corporation

부품명 EL7158
상세설명  Ultra-High Current Pin Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL7158 데이터시트(HTML) 4 Page - Intersil Corporation

  EL7158 Datasheet HTML 1Page - Intersil Corporation EL7158 Datasheet HTML 2Page - Intersil Corporation EL7158 Datasheet HTML 3Page - Intersil Corporation EL7158 Datasheet HTML 4Page - Intersil Corporation EL7158 Datasheet HTML 5Page - Intersil Corporation EL7158 Datasheet HTML 6Page - Intersil Corporation EL7158 Datasheet HTML 7Page - Intersil Corporation EL7158 Datasheet HTML 8Page - Intersil Corporation EL7158 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FN7349.2
May 14, 2007
Typical Performance Curves
FIGURE 1. INPUT THRESHOLD vs SUPPLY VOLTAGE
FIGURE 2. QUIESCENT SUPPLY CURRENT vs SUPPLY
VOLTAGE
FIGURE 3. “ON”-RESISTANCE vs SUPPLY VOLTAGE (VS+)
FIGURE 4. RISE/FALL TIME vs SUPPLY VOLTAGE
FIGURE 5. RISE/FALL TIME vs TEMPERATURE
FIGURE 6. PROPAGATION DELAY vs SUPPLY VOLTAGE
T = +25°C
1.2
SUPPLY VOLTAGE (V)
1.0
1.8
1.6
1.4
12
510
HIGH THRESHOLD
HYSTERESIS
LOW THRESHOLD
T = +25°C
12
SUPPLY VOLTAGE (V)
0
2.0
5
1.6
1.2
0.8
0.4
10
ALL INPUTS = VS+
ALL INPUTS = GND
IOUT = 500mA, T = +25°C, VS+ = VH, VS- = VL = 0V
SUPPLY VOLTAGE (V)
7.5
12.5
510
0.5
0.4
0.6
0.8
0.7
VOUT TO VL
VH TO VOUT
CL = 2000pF, T = +25°C, VS+ = VH, VS- = VL = 0V
13
SUPPLY VOLTAGE (V)
11
15
14
12
711
59
6
8
10
12
tR
tF
CL = 2000pF, VS+ = VH = 12V, VS- = VL = 0V
150
12
TEMPERATURE (°C)
8
100
18
-50
50
14
16
10
0
tr
tR
tR
CL = 2000pF, T = +25°C, VS+ = VH = 12V,
VS- = VL = 0V
24
SUPPLY VOLTAGE (V)
20
30
26
22
711
59
6
8
10
12
28
td1
td2
EL7158



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com