전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT595 데이터시트(PDF) 3 Page - Texas Instruments

부품명 SN74ACT595
상세설명  SN74ACT595-Q1 Automotive 8-Bit Shift Register With TTL-Compatible Inputs And Output Registers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT595 데이터시트(HTML) 3 Page - Texas Instruments

  SN74ACT595 Datasheet HTML 1Page - Texas Instruments SN74ACT595 Datasheet HTML 2Page - Texas Instruments SN74ACT595 Datasheet HTML 3Page - Texas Instruments SN74ACT595 Datasheet HTML 4Page - Texas Instruments SN74ACT595 Datasheet HTML 5Page - Texas Instruments SN74ACT595 Datasheet HTML 6Page - Texas Instruments SN74ACT595 Datasheet HTML 7Page - Texas Instruments SN74ACT595 Datasheet HTML 8Page - Texas Instruments SN74ACT595 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
4 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
SER
RCLK
SRCLK
V
CC
15
16
Q
B
Q
C
Q
D
Q
E
Q
F
Q
G
Q
H
Q
A
OE
SRCLR
Q
H¶
PW Package, 16-Pin TSSOP (Top View)
QC
QD
QE
QF
QG
QH
GND
QA
SER
OE
RCLK
SRCLK
QH`
SRCLR
PAD
QB
VCC
2
3
4
5
6
7
8
15
14
13
12
11
10
9
1
16
BQB Package, 16-Pin WQFN (Transparent Top
View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
QB
1
O
QB output
QC
2
O
QC output
QD
3
O
QD output
QE
4
O
QE output
QF
5
O
QF output
QG
6
O
QG output
QH
7
O
QH output
GND
8
G
Ground
QH'
9
O
Serial output, can be used for cascading
SRCLR
10
I
Shift register clear, active low
SRCLK
11
I
Shift register clock, rising edge triggered
RCLK
12
I
Output register clock, rising edge triggered
OE
13
I
Output Enable, active low
SER
14
I
Serial input
QA
15
O
QA output
VCC
16
P
Positive supply
Thermal Pad(2)
—
The thermal pad can be connect to GND or left floating. Do not connect to any other signal
or supply.
(1)
Signal Types: I = Input, O = Output, I/O = Input or Output, P = Power, G = Ground.
(2)
BQB package only.
www.ti.com
SN74ACT595-Q1
SCASE36 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74ACT595-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com