전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT595 데이터시트(PDF) 7 Page - Texas Instruments

부품명 SN74ACT595
상세설명  SN74ACT595-Q1 Automotive 8-Bit Shift Register With TTL-Compatible Inputs And Output Registers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT595 데이터시트(HTML) 7 Page - Texas Instruments

Back Button SN74ACT595 Datasheet HTML 3Page - Texas Instruments SN74ACT595 Datasheet HTML 4Page - Texas Instruments SN74ACT595 Datasheet HTML 5Page - Texas Instruments SN74ACT595 Datasheet HTML 6Page - Texas Instruments SN74ACT595 Datasheet HTML 7Page - Texas Instruments SN74ACT595 Datasheet HTML 8Page - Texas Instruments SN74ACT595 Datasheet HTML 9Page - Texas Instruments SN74ACT595 Datasheet HTML 10Page - Texas Instruments SN74ACT595 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
6 Parameter Measurement Information
Phase relationships between waveforms were chosen arbitrarily for the examples listed in the following table. All
input pulses are supplied by generators having the following characteristics: PRR ≤ 1MHz, ZO = 50Ω, tt < 2.5ns,
Vt = 1.5V. For push-pull outputs, RL = 500Ω.
For clock inputs, fmax is measured when the input duty cycle is 50%.
The outputs are measured individually with one input transition per measurement.
TEST
S1
S2
RL
CL
ΔV
VLOAD
tPLH, tPHL
OPEN
OPEN
500Ω
50pF
—
—
tPLZ, tPZL
CLOSED
OPEN
500Ω
50pF
0.3V
2×VCC
tPHZ, tPZH
OPEN
CLOSED
500Ω
50pF
0.3V
—
CL
(1)
RL
From Output
Under Test
VLOAD
Test
Point
S1
S2
RL
(1) CL includes probe and test-fixture capacitance.
Figure 6-1. Load Circuit for 3-State Outputs
CL
(1)
From Output
Under Test
Test
Point
RL
(1) CL includes probe and test-fixture capacitance.
Figure 6-2. Load Circuit for Push-Pull Outputs
Vt
tw
Input
Vt
VCC
0 V
Figure 6-3. Voltage Waveforms, Pulse Duration
Clock
Input
Vt
VCC
0 V
Vt
Vt
VCC
0 V
tsu
Data
Input
th
Figure 6-4. Voltage Waveforms, Setup and Hold
Times
Vt
Input
Vt
VCC
0 V
50%
50%
VOH
VOL
tPLH
(1)
tPHL
(1)
VOH
VOL
tPHL
(1)
tPLH
(1)
Output
Waveform 1
Output
Waveform 2
50%
50%
(1) The greater between tPLH and tPHL is the same as tpd.
Figure 6-5. Voltage Waveforms Propagation Delays
Vt
Input
Vt
VCC
0 V
50%
50%
VCC
VOL
tPZL
(1)
tPLZ
(2)
90%
VOH
0 V
tPZH
(1)
tPHZ
(2)
Output
Waveform 1
S1 CLOSED,
S2 OPEN
Output
Waveform 2
S1 OPEN,
S2 CLOSED
10%
(1) The greater between tPZL and tPZH is the same as ten.
(2) The greater between tPLZ and tPHZ is the same as tdis.
Figure 6-6. Voltage Waveforms Propagation Delays
www.ti.com
SN74ACT595-Q1
SCASE36 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN74ACT595-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com