전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT595 데이터시트(PDF) 5 Page - Texas Instruments

부품명 SN74ACT595
상세설명  SN74ACT595-Q1 Automotive 8-Bit Shift Register With TTL-Compatible Inputs And Output Registers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT595 데이터시트(HTML) 5 Page - Texas Instruments

  SN74ACT595 Datasheet HTML 1Page - Texas Instruments SN74ACT595 Datasheet HTML 2Page - Texas Instruments SN74ACT595 Datasheet HTML 3Page - Texas Instruments SN74ACT595 Datasheet HTML 4Page - Texas Instruments SN74ACT595 Datasheet HTML 5Page - Texas Instruments SN74ACT595 Datasheet HTML 6Page - Texas Instruments SN74ACT595 Datasheet HTML 7Page - Texas Instruments SN74ACT595 Datasheet HTML 8Page - Texas Instruments SN74ACT595 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
VOH
IOH = -50µA
4.5V
4.4
4.499
V
5.5V
5.4
5.499
IOH = -24mA
4.5V
3.7
IOH = -24mA
5.5V
4.7
IOH = -75mA(3)
5.5V
3.85
VOL
IOL = 50µA
4.5V
0.001
0.1
V
5.5V
0.001
0.1
IOL = 24mA
4.5V
0.5
IOL = 24mA
5.5V
0.5
IOL = 75mA(3)
5.5V
1.65
II
VI = 5.5V or GND
0V to 5.5V
±1
µA
IOZ
VO = VCC or GND
5.5V
±1
µA
ICC
VI = VCC or GND, IO = 0
5.5V
2
µA
ΔICC
VI = VCC – 2.1V; Any Input
4.5V to 5.5V
200
µA
CI
VI = VCC or GND
5V
2
pF
CO
VO = VCC or GND
5V
4
pF
CPD (1) (2)
CL = 50pF, F = 1MHz
5V
57
pF
(1)
CPD is used to determine the dynamic power consumption, per channel
(2)
PD= VCC 2xFIx(CPD+ CL) where FI= input frequency, CL= output load capacitance, VCC= supply voltage
(3)
Not more than one output should be tested at a time, and the duration of the test should not exceed 2 ms.
5.6 Timing Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
DESCRIPTION
CONDITION
VCC
-40°C to 125°C
UNIT
MIN
MAX
fclock
Clock frequency
5V
100
MHz
tw
Pulse duration
RCLK or SRCLK high or low
5V
1.5
ns
tw
Pulse duration
SRCLR low
5V
1.8
ns
tsu
Setup time
SER before SRCLK↑
5V
1
ns
tsu
Setup time
SRCLK↑ before RCLK↑
5V
2.5
ns
tsu
Setup time
SRCLR low before RCLK↑
5V
2.4
ns
tsu
Setup time
SRCLR high (inactive) before SRCLK↑
5V
0.4
ns
th
Hold time
SER after SRCLK↑
5V
0.7
ns
5.7 Switching Characteristics
CL = 50 pF; over operating free-air temperature range; typical values measured at TA = 25°C (unless otherwise noted)
PARAMETER
FROM (INPUT)
TO (OUTPUT)
VCC
-40°C to 125°C
UNIT
MIN
TYP
MAX
tpzl
OE
QA-QH
5V
8.4
11.9
ns
tpzh
OE
QA-QH
5V
8.2
11.7
ns
tplz
OE
QA-QH
5V
4.4
6.3
ns
tphz
OE
QA-QH
5V
5.4
7.8
ns
tplh
RCLK
QA-QH
5V
7.3
10.7
ns
tphl
RCLK
QA-QH
5V
7.3
10.5
ns
www.ti.com
SN74ACT595-Q1
SCASE36 – NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN74ACT595-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com