전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ACT595 데이터시트(PDF) 12 Page - Texas Instruments

부품명 SN74ACT595
상세설명  SN74ACT595-Q1 Automotive 8-Bit Shift Register With TTL-Compatible Inputs And Output Registers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT595 데이터시트(HTML) 12 Page - Texas Instruments

Back Button SN74ACT595 Datasheet HTML 8Page - Texas Instruments SN74ACT595 Datasheet HTML 9Page - Texas Instruments SN74ACT595 Datasheet HTML 10Page - Texas Instruments SN74ACT595 Datasheet HTML 11Page - Texas Instruments SN74ACT595 Datasheet HTML 12Page - Texas Instruments SN74ACT595 Datasheet HTML 13Page - Texas Instruments SN74ACT595 Datasheet HTML 14Page - Texas Instruments SN74ACT595 Datasheet HTML 15Page - Texas Instruments SN74ACT595 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
In this application, the SN74ACT595-Q1 is used to control seven-segment displays. Utilizing the serial output
and combining a few of the input signals, this implementation reduces the number of I/O pins required to
control the displays from sixteen to four. Unlike other I/O expanders, the SN74ACT595-Q1 does not need a
communication interface for control. It can be easily operated with simple GPIO pins.
The OE pin is used to easily disable the outputs when the displays need to be turned off or connected to a
PWM signal to control brightness. However, this pin can be tied low and the outputs of the SN74ACT595-Q1
can be controlled accordingly to turn off all the outputs reducing the I/O needed to three. There is no practical
limitation to how many SN74ACT595-Q1 devices can be cascaded. To add more, the serial output will need to
be connected to the following serial input and the clocks will need to be connected accordingly. With separate
control for the shift registers and output registers, the desired digit can be displayed while the data for the next
digit is loaded into the shift register.
At power-up, the initial state of the shift registers and output registers are unknown. To give them a defined state,
the shift register needs to be cleared and then clocked into the output register. As shown in Figure 8-1, an RC
circuit can be connected to the SRCLR pin to initialize the shift register to all zeros. With the OE pin pulled up
with a resistor, this process can be performed while the outputs are in a high-impedance state eliminating any
erroneous data causing issues with the displays.
SN74ACT595-Q1
SCASE36 – NOVEMBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: SN74ACT595-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com