| 전자부품 데이터시트 검색엔진 |
|
TDA4VEN...Q1 데이터시트(PDF) 45 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TDA4VEN...Q1 데이터시트(HTML) 45 Page - Texas Instruments |
|
45 / 236 page ![]() Table 5-1. Pin Attributes (AMW Package) (continued) BALL NUMBER [1] BALL NAME [2] PADCONFIG Register [15] PADCONFIG Address [16] SIGNAL NAME [3] MUX MODE [4] TYPE [5] DSIS [6] BALL STATE DURING RESET (RX/TX/PULL) [7] BALL STATE AFTER RESET (RX/TX/PULL) [8] MUX MODE AFTER RESET [9] I/O OPERATING VOLTAGE [10] POWER [11] HYS [12] BUFFER TYPE [13] PULL UP/DOWN TYPE [14] A1, A18, A21, A27, A4, A7, AA1, AA18, AA21, AA26, AA4, AD26, AG1, AG27, C2, C23, D26, E6, F15, F16, F17, F2, F21, G1, G10, G12, G14, G16, G17, G20, G3, G5, G8, H14, H4, H7, J12, J15, J17, J19, J26, J3, J5, J9, K1, K13, K15, K17, K19, L10, L11, L13, L14, L16, L18, M1, M11, M14, M16, M18, M7, M8, N12, N15, N17, N26, N9, P10, P13, P15, P17, P19, P5, P7, R1, R10, R14, R16, R18, R19, R4, R7, R8, T10, T12, T14, T16, T18, T26, U11, U13, U15, U18, U19, U3, U7, U9, V1, V11, V13, V15, V20, V4, V7, V9, W12, W14, W17, W20, W5, W8, Y10, Y14, Y18, Y7, Y8 VSS VSS GND F12 WKUP_CLKOUT0 PADCONFIG MCU_PADCONFIG33 0x04084084 WKUP_CLKOUT0 0 O Off / Off / Off Off / SS / Off 0 1.8 V/3.3 V VDDSHV_MCU Yes LVCMOS PU/PD MCU_GPIO0_23 7 IO pad www.ti.com TDA4VEN-Q1, TDA4AEN-Q1 SPRSP96A – MARCH 2024 – REVISED SEPTEMBER 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 45 Product Folder Links: TDA4VEN-Q1 TDA4AEN-Q1 |