전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PPC405EP 데이터시트(PDF) 20 Page - Applied Micro Circuits Corporation

부품명 PPC405EP
상세설명  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMCC [Applied Micro Circuits Corporation]
홈페이지  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP 데이터시트(HTML) 20 Page - Applied Micro Circuits Corporation

Back Button PPC405EP Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 21Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 22Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 23Page - Applied Micro Circuits Corporation PPC405EP Datasheet HTML 24Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
20
AMCC
Revision 1.07 – September 10, 2007
Data Sheet
PCIReq0/Gnt
E20
PCI
31
PCIReq1
F20
PCIReq2
E22
PCIReset
G20
PCI
31
PCISErr
J20
PCI
31
PCIStop
G22
PCI
31
PCITRDY
G21
PCI
31
[PerAddr03]GPIO14
B04
External Slave Peripheral
Note: PerAddr3 is the most significant bit (msb) on this bus.
33
[PerAddr04]GPIO15
A04
[PerAddr05]GPIO16
A05
PerAddr06
D07
PerAddr07
B06
PerAddr08
A06
PerAddr09
D08
PerAddr10
C07
PerAddr11
B07
PerAddr12
C08
PerAddr13
B08
PerAddr14
D09
PerAddr15
A08
PerAddr16
C09
PerAddr17
D10
PerAddr18
C10
PerAddr19
B10
PerAddr20
D11
PerAddr21
A10
PerAddr22
C11
PerAddr23
A11
PerAddr24
D12
PerAddr25
B12
PerAddr26
C12
PerAddr27
A13
PerAddr28
B13
PerAddr29
C13
PerAddr30
A14
PerAddr31
B14
[PerBLast]GPIO00
A09
External Slave Peripheral
33
PerClk
C04
External Slave Peripheral
33
PerCS0
E04
External Slave Peripheral
33
[PerCS1]GPIO10
C02
[PerCS2]GPIO11
E03
[PerCS3]GPIO12
D03
[PerCS4]GPIO13
D05
Table 3. Signals Listed Alphabetically (Sheet 8 of 10)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50