| 전자부품 데이터시트 검색엔진 |
|
PPC405EP 데이터시트(PDF) 6 Page - Applied Micro Circuits Corporation |
|
|
|||||||||||||||||||||||||||||
PPC405EP 데이터시트(HTML) 6 Page - Applied Micro Circuits Corporation |
|
6 / 50 page ![]() PPC405EP – PowerPC 405EP Embedded Processor 6 AMCC Revision 1.07 – September 10, 2007 Data Sheet Address Maps The PPC405EP incorporates two address maps. The first address map defines the possible use of addressable memory regions that the processor can access. The second address map defines Device Configuration Register (DCR) addresses (numbers). The DCRs are accessed by software running on the PPC405EP processor through the use of mtdcr and mfdcr instructions. Table 1. System Memory Address Map (4GB System Memory) Function Subfunction Start Address End Address Size General Use SDRAM, External Peripherals, and PCI Memory Note: Any of the address ranges listed at right may be use for any of the above functions. 0x00000000 0xE7FFFFFF 3712MB 0xE8010000 0xE87FFFFF 8MB 0xEC000000 0xEEBFFFFF 44MB 0xEEE00000 0xEF3FFFFF 6MB 0xEF500000 0xEF5FFFFF 1MB 0xEF900000 0xFFFFFFFF 263MB Boot-up Peripheral Bus Boot 1 0xFFE00000 0xFFFFFFFF 2MB PCI Boot 2 0xFFFE0000 0xFFFFFFFF 128KB PCI PCI I/O 0xE8000000 0xE800FFFF 64KB PCI I/O 0xE8800000 0xEBFFFFFF 56MB Configuration Registers 0xEEC00000 0xEEC00007 8B Interrupt Acknowledge and Special Cycle 0xEED00000 0xEED00003 4B Local Configuration Registers 0xEF400000 0xEF40003F 64B Internal Peripherals GPT 0xEF600000 0xEF6000FF 256B UART0 0xEF600300 0xEF600307 8B UART1 0xEF600400 0xEF600407 8B IIC0 0xEF600500 0xEF60051F 32B OPB Arbiter 0xEF600600 0xEF60063F 64B GPIO Controller Registers 0xEF600700 0xEF60077F 128B Ethernet 0 Controller Registers 0xEF600800 0xEF6008FF 256B Ethernet 1 Controller Registers 0xEF600900 0xEF6009FF 256B Notes: 1. When peripheral bus boot is selected, peripheral bank 0 is automatically configured at reset to the address range listed above. 2. If PCI boot is selected, a PLB-to-PCI mapping is automatically configured at reset to the address range listed above. 3. After the boot process, software may reassign the boot memory regions for other uses. 4. All address ranges not listed above are reserved. |