전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS8267 데이터시트(PDF) 127 Page - ams AG

부품명 AS8267
상세설명  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS8267 데이터시트(HTML) 127 Page - ams AG

Back Button AS8267 Datasheet HTML 123Page - ams AG AS8267 Datasheet HTML 124Page - ams AG AS8267 Datasheet HTML 125Page - ams AG AS8267 Datasheet HTML 126Page - ams AG AS8267 Datasheet HTML 127Page - ams AG AS8267 Datasheet HTML 128Page - ams AG AS8267 Datasheet HTML 129Page - ams AG AS8267 Datasheet HTML 130Page - ams AG AS8267 Datasheet HTML 131Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 127 of 136
9. Circuit Diagram
AS8268 only
IC1
AS8267 / AS8268
LCD
kWh
Vrms
Irms
12
XTAL
3.3V
D1
D3
D4
BAT
VDDD
I1N
I2P
I2N
VDDA
VSSA
IO0
IO1
IO2
IO3
IO4
4
5
6
7
8
9
10
11
1
2
13
14
15
16
45
44
43
42
41
40
39
38
37
36
35
34
33
XOUT
LBP0
LBP1
LBP2
LBP3
LSD0
LSD1
LSD2
LSD3
LSD4
LSD5
LSD6
C12
C13
3.3V
R10
C8
CT1
C3
RSH
C1
R4
R2
R1
C21
R13
C23
C22
L1
ZD1
3.3V
VI
VO
GND
IC3
NL
LOAD
VP
VN
I1P
1
2
3
48
47
46
LSD7
VSSD
IO5
RES_N
n.c.
n.c.
C14
3.3V
R5
C4
R12
R11
D5
+
C7
+
D2
IC2
3.3V
3.3V 3.3V
I/Os
Examples only
(optional)
R3
C2
C5
R6
R7
C6
C18
C19
R9
R8
C10
C9
3.3V
C11
C15
C16
C17
+
VDDA
VDDD
C20 +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More