전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS8267 데이터시트(PDF) 130 Page - ams AG

부품명 AS8267
상세설명  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS8267 데이터시트(HTML) 130 Page - ams AG

Back Button AS8267 Datasheet HTML 126Page - ams AG AS8267 Datasheet HTML 127Page - ams AG AS8267 Datasheet HTML 128Page - ams AG AS8267 Datasheet HTML 129Page - ams AG AS8267 Datasheet HTML 130Page - ams AG AS8267 Datasheet HTML 131Page - ams AG AS8267 Datasheet HTML 132Page - ams AG AS8267 Datasheet HTML 133Page - ams AG AS8267 Datasheet HTML 134Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 130 of 136
11.
Packaging
LQFP64
12.
Product Ordering Guide
Device Number
MPIO
LCDD
Temperature
Package
Packing
AS8267 BLQS
9
20 x 4
-40°C to 85°C
LQFP64
Tray in DryPack
AS8267 BLQW
9
20 x 4
-40°C to 85°C
LQFP64
T & R in DryPack
AS8268 BLQS
12
24 x 4
-40°C to 85°C
LQFP64
Tray in DryPack
AS8268 BLQW
12
24 x 4
-40°C to 85°C
LQFP64
T & R in DryPack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More