전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AS8267 데이터시트(PDF) 129 Page - ams AG

부품명 AS8267
상세설명  Single-Phase 2-Current Energy Measurement Integrated Circuits with Microcontroller, RTC, Programmable Multi-Purpose I/Os
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMSCO [ams AG]
홈페이지  http://www.ams.com
Logo AMSCO - ams AG

AS8267 데이터시트(HTML) 129 Page - ams AG

Back Button AS8267 Datasheet HTML 125Page - ams AG AS8267 Datasheet HTML 126Page - ams AG AS8267 Datasheet HTML 127Page - ams AG AS8267 Datasheet HTML 128Page - ams AG AS8267 Datasheet HTML 129Page - ams AG AS8267 Datasheet HTML 130Page - ams AG AS8267 Datasheet HTML 131Page - ams AG AS8267 Datasheet HTML 132Page - ams AG AS8267 Datasheet HTML 133Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 136 page
background image
Data Sheet AS8267 / AS8268
Revision 1.0, 19-Jun-07
Page 129 of 136
Designation
Value
Unit
Description
C18
1.0
µF
Capacitor
C19
100
nF
Capacitor
C20
1.0
µF
Capacitor
C21
10
nF
Capacitor
C22
0.47
µF
Capacitor
C23
470
µF
Capacitor
D1
Diode 1N4148
D2
Diode 1N4148
D3
Diode 1N4148
D4
Diode 1N4148
D5
Diode 1N4004
ZD1
15
V
Zener diode BZV85–C15
L1
Varistor
BAT
3.0
V
Lithium battery
LCD
Liquid crystal display
XTAL
3.579545
MHz
Crystal
Note: The external components for the programmable multi-purpose I/Os (MPIO) are not included in the above
parts list, as they depend on the specific meter functional requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More