전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1380310 데이터시트(PDF) 3 Page - PHOENIX CONTACT

부품명 1380310
상세설명  ICC20-TS2,5/3L5,0-5015 - PCB terminal block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1380310 데이터시트(HTML) 3 Page - PHOENIX CONTACT

  1380310 Datasheet HTML 1Page - PHOENIX CONTACT 1380310 Datasheet HTML 2Page - PHOENIX CONTACT 1380310 Datasheet HTML 3Page - PHOENIX CONTACT 1380310 Datasheet HTML 4Page - PHOENIX CONTACT 1380310 Datasheet HTML 5Page - PHOENIX CONTACT 1380310 Datasheet HTML 6Page - PHOENIX CONTACT 1380310 Datasheet HTML 7Page - PHOENIX CONTACT 1380310 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2 conductors with the same cross section, flexible, with TWIN
ferrule with plastic sleeve
0.5 mm² ... 1.5 mm²
Stripping length
8 mm
Drive form screw head
Slotted Phillips recess (H1L)
Tightening torque
0.5 Nm ... 0.6 Nm
Mounting
Mounting type
Wave soldering
Pin layout
Linear pinning
Processing notes
Process
Wave soldering
Material specifications
Material data - contact
Note
WEEE/RoHS-compliant, free of whiskers according to IEC
60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Surface characteristics
Tin-plated
Metal surface terminal point (top layer)
Tin (Sn)
Metal surface soldering area (top layer)
Tin (Sn)
Metal surface soldering area (middle layer)
Nickel (Ni)
Material data - housing
Color (Housing)
blue (5015)
Insulating material
PA
Insulating material group
I
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-
13
775
Temperature for the ball pressure test according to EN 60695-
10-2
125 °C
Notes
Recommendation
Further information and detailed dimensions are available in the
download area.
Assembly note
For reliable conductor connection, always adhere to a defined
tightening torque.
During conductor connection (mounting), the terminal blocks
must be supported (held with one hand, support on the housing).
General
We recommend using a soldering frame.
Dimensions
Pitch
5 mm
Width [w]
20 mm
ICC20-TS2,5/3L5,0-5015 - PCB terminal block
1380310
https://www.phoenixcontact.com/us/products/1380310
Feb 18, 2025, 2:13 AM
Page 3 (8)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com