전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1380310 데이터시트(PDF) 2 Page - PHOENIX CONTACT

부품명 1380310
상세설명  ICC20-TS2,5/3L5,0-5015 - PCB terminal block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1380310 데이터시트(HTML) 2 Page - PHOENIX CONTACT

  1380310 Datasheet HTML 1Page - PHOENIX CONTACT 1380310 Datasheet HTML 2Page - PHOENIX CONTACT 1380310 Datasheet HTML 3Page - PHOENIX CONTACT 1380310 Datasheet HTML 4Page - PHOENIX CONTACT 1380310 Datasheet HTML 5Page - PHOENIX CONTACT 1380310 Datasheet HTML 6Page - PHOENIX CONTACT 1380310 Datasheet HTML 7Page - PHOENIX CONTACT 1380310 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Technical data
Product properties
Product type
Printed circuit board terminal
Product family
ICC..-TS2,5/..L5,0
Product line
COMBICON Terminals M
Number of positions
3
Pitch
5 mm
Number of connections
3
Number of rows
1
Number of potentials
3
Pin layout
Linear pinning
Solder pins per potential
1
Electrical properties
Properties
Nominal current IN
24 A
Nominal voltage UN
300 V
Rated voltage (III/3)
250 V
Rated surge voltage (III/3)
4 kV
Rated voltage (III/2)
300 V
Rated surge voltage (III/2)
4 kV
Rated voltage (II/2)
600 V
Rated surge voltage (II/2)
4 kV
Connection data
Connection technology
Nominal cross section
2.5 mm²
Interlock
Locking type
without
Conductor connection
Connection method
Screw connection with tension sleeve
Conductor cross section rigid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 14
Conductor cross section flexible, with ferrule without plastic
sleeve
0.25 mm² ... 2.5 mm²
Conductor cross section, flexible, with ferrule, with plastic sleeve
0.25 mm² ... 2.5 mm²
2 conductors with same cross section, solid
0.14 mm² ... 0.75 mm²
2 conductors with same cross section, flexible
0.14 mm² ... 0.75 mm²
2 conductors with same cross section, flexible, with ferrule
without plastic sleeve
0.25 mm² ... 0.75 mm²
ICC20-TS2,5/3L5,0-5015 - PCB terminal block
1380310
https://www.phoenixcontact.com/us/products/1380310
Feb 18, 2025, 2:13 AM
Page 2 (8)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com