전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1380310 데이터시트(PDF) 1 Page - PHOENIX CONTACT

부품명 1380310
상세설명  ICC20-TS2,5/3L5,0-5015 - PCB terminal block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1380310 데이터시트(HTML) 1 Page - PHOENIX CONTACT

  1380310 Datasheet HTML 1Page - PHOENIX CONTACT 1380310 Datasheet HTML 2Page - PHOENIX CONTACT 1380310 Datasheet HTML 3Page - PHOENIX CONTACT 1380310 Datasheet HTML 4Page - PHOENIX CONTACT 1380310 Datasheet HTML 5Page - PHOENIX CONTACT 1380310 Datasheet HTML 6Page - PHOENIX CONTACT 1380310 Datasheet HTML 7Page - PHOENIX CONTACT 1380310 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Printed circuit board terminal, nominal current: 24 A, rated voltage (III/2): 300 V, nominal cross
section: 2.5 mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3,
product range: ICC..-TS2,5/..L5,0, pitch: 5 mm, connection method: Screw connection with
tension sleeve, screw head form: H1L Slotted Phillips recess, mounting: Wave soldering,
conductor/PCB connection direction: 0 °, color: blue, Pin layout: Linear pinning, number of solder
pins per potential: 1, type of packaging: packed in cardboard. Product with pin output on left side
Your advantages
Orthogonal alignment of the terminal block with the PCB for optimum accessibility in DIN-rail-mounted devices
•
Internationally recognized and proven screw connection
•
Easy handling in just a few steps
•
Fixed wiring and a reduced number of individual parts
•
Choice between different pitches
•
Commercial data
Item number
1380310
Packing unit
50 pc
Minimum order quantity
50 pc
Product key
ACHAFA
GTIN
4063151751203
Weight per piece (including packing)
7.64 g
Weight per piece (excluding packing)
6.28 g
Country of origin
PL
ICC20-TS2,5/3L5,0-5015 - PCB terminal block
1380310
https://www.phoenixcontact.com/us/products/1380310
Feb 18, 2025, 2:13 AM
Page 1 (8)


유사한 부품 번호 - 1380310

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
1380311 PHOENIX-1380311 Datasheet
293Kb / 8P
ICC20-TS2,5/3R5,0-5015 - PCB terminal block
1380312 PHOENIX-1380312 Datasheet
290Kb / 8P
ICC20-TS1,5/4L3,5-5015 - PCB terminal block
1380313 PHOENIX-1380313 Datasheet
290Kb / 8P
ICC20-TS1,5/4R3,5-5015 - PCB terminal block
1380314 PHOENIX-1380314 Datasheet
295Kb / 8P
ICC25-TS2,5/4L5,0-5015 - PCB terminal block
1380315 PHOENIX-1380315 Datasheet
294Kb / 8P
ICC25-TS2,5/4R5,0-5015 - PCB terminal block
More results

유사한 설명 - 1380310

제조업체부품명데이터시트상세설명
logo
Adam Technologies, Inc.
EB15-XX-C-180 ADAM-TECH-EB15-XX-C-180 Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EB50-A-XX-B-BK ADAM-TECH-EB50-A-XX-B-BK Datasheet
73Kb / 1P
TERMINAL BLOCK PCB
EB105-XX-H ADAM-TECH-EB105-XX-H Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EB106-XX-D-BK ADAM-TECH-EB106-XX-D-BK Datasheet
72Kb / 1P
TERMINAL BLOCK PCB
EBI-XX-G ADAM-TECH-EBI-XX-G Datasheet
74Kb / 1P
TERMINAL BLOCK PCB
EBI-XX-RA-G ADAM-TECH-EBI-XX-RA-G Datasheet
69Kb / 1P
TERMINAL BLOCK PCB
logo
PHOENIX CONTACT
1701023 PHOENIX-1701023 Datasheet
94Kb / 6P
PCB terminal block - KDS
1704020 PHOENIX-1704020 Datasheet
96Kb / 6P
PCB terminal block - KDS10
1706028 PHOENIX-1706028 Datasheet
133Kb / 6P
PCB terminal block - GKDS
2203900 PHOENIX-2203900 Datasheet
200Kb / 6P
Feed-through header - ICC20-H/3L5,0-7035
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com