전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1380310 데이터시트(PDF) 4 Page - PHOENIX CONTACT

부품명 1380310
상세설명  ICC20-TS2,5/3L5,0-5015 - PCB terminal block
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1380310 데이터시트(HTML) 4 Page - PHOENIX CONTACT

  1380310 Datasheet HTML 1Page - PHOENIX CONTACT 1380310 Datasheet HTML 2Page - PHOENIX CONTACT 1380310 Datasheet HTML 3Page - PHOENIX CONTACT 1380310 Datasheet HTML 4Page - PHOENIX CONTACT 1380310 Datasheet HTML 5Page - PHOENIX CONTACT 1380310 Datasheet HTML 6Page - PHOENIX CONTACT 1380310 Datasheet HTML 7Page - PHOENIX CONTACT 1380310 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Height [h]
22.4 mm
Length [l]
22.4 mm
Pin dimensions
0.8 x 1 mm
PCB design
Hole diameter
1.4 mm
Mechanical tests
Test for conductor damage and slackening
Specification
IEC 60999-1:1999-11
Result
Test passed
Repeated connection and disconnection
Specification
IEC 60999-1:1999-11
Result
Test passed
Pull-out test
Specification
IEC 60999-1:1999-11
0.14 mm² / solid / > 10 N
0.14 mm² / flexible / > 10 N
2.5 mm² / solid / > 50 N
Conductor cross section/conductor type/tractive force
setpoint/actual value
2.5 mm² / flexible / > 50 N
Electrical tests
Temperature-rise test
Specification
IEC 60947-7-4:2019-01
Requirement temperature-rise test
The sum of ambient temperature and temperature rise of the
PCB terminal block shall not exceed the upper limiting
temperature.
Short-time withstand current
Specification
IEC 60947-7-4:2019-01
Insulation resistance
Specification
IEC 60512-3-1:2002-02
Insulation resistance, neighboring positions
> 5 MΩ
Air clearances and creepage distances |
Specification
IEC 60947-1:2007-06 + A1:2010-12 + A2:2014-09
Insulating material group
I
Comparative tracking index (IEC 60112)
CTI 600
Rated insulation voltage (III/3)
250 V
Rated surge voltage (III/3)
4 kV
minimum clearance value - non-homogenous field (III/3)
3 mm
minimum creepage distance (III/3)
3.2 mm
Rated insulation voltage (III/2)
300 V
Rated surge voltage (III/2)
4 kV
ICC20-TS2,5/3L5,0-5015 - PCB terminal block
1380310
https://www.phoenixcontact.com/us/products/1380310
Feb 18, 2025, 2:13 AM
Page 4 (8)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com