전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6731B 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 L6731B
상세설명  Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6731B 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button L6731B Datasheet HTML 3Page - STMicroelectronics L6731B Datasheet HTML 4Page - STMicroelectronics L6731B Datasheet HTML 5Page - STMicroelectronics L6731B Datasheet HTML 6Page - STMicroelectronics L6731B Datasheet HTML 7Page - STMicroelectronics L6731B Datasheet HTML 8Page - STMicroelectronics L6731B Datasheet HTML 9Page - STMicroelectronics L6731B Datasheet HTML 10Page - STMicroelectronics L6731B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
L6731B
Pin connections and functions
7/24
8
OCL
A resistor connected from this pin to ground sets the valley- current-limit. The valley
current is sensed through the low-side MOSFET(s). The internal current generator
sources a current of 100µA (IOCL) from this pin to ground through the external resistor
(ROCL). The over-current threshold is given by the following equation:
Connecting a capacitor from this pin to GND helps in reducing the noise injected from
VCC to the device, but can be a low impedance path for the high-frequency noise
related to the GND. Connect a capacitor only to a "clean" GND.
9
OCH
A resistor connected from this pin and the high-side MOSFET(s) drain sets the peak-
current-limit. The peak current is sensed through the high-side MOSFET(s). The
internal 100µA current generator (IOCH) sinks a current from the drain through the
external resistor (ROCH). The over-current threshold is given by the following
equation:
10
PHASE
This pin is connected to the source of the high-side MOSFET(s) and provides the
return path for the high-side driver. This pin monitors the drop across both the upper
and lower MOSFET(s) for the current limit together with OCH and OCL.
11
HGATE
This pin is connected to the high-side MOSFET(s) gate.
12
BOOT
Through this pin is supplied the high-side driver. Connect a capacitor from this pin to
the PHASE pin and a diode from VCCDR to this pin (cathode versus BOOT).
13
PGND
This pin has to be connected closely to the low-side MOSFET(s) source in order to
reduce the noise injection into the device.
14
LGATE
This pin is connected to the low-side MOSFET(s) gate.
15
VCCDR
5V internally regulated voltage. It is used to supply the internal drivers. Filter it to
ground with at least 1µF ceramic cap.
16
VCC
Supply voltage pin. The operative supply voltage range is from 4.5V to 14V.
Table 3.
Pin functions
IVALLEY
IOCL IOCL
•
2RDSONLS
•
---------------------------------
=
IPEAK
IOCH ROCH
•
RDSONHS
---------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com