전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6731B 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 L6731B
상세설명  Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6731B 데이터시트(HTML) 1 Page - STMicroelectronics

  L6731B Datasheet HTML 1Page - STMicroelectronics L6731B Datasheet HTML 2Page - STMicroelectronics L6731B Datasheet HTML 3Page - STMicroelectronics L6731B Datasheet HTML 4Page - STMicroelectronics L6731B Datasheet HTML 5Page - STMicroelectronics L6731B Datasheet HTML 6Page - STMicroelectronics L6731B Datasheet HTML 7Page - STMicroelectronics L6731B Datasheet HTML 8Page - STMicroelectronics L6731B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
June 2006
Rev 3
1/24
24
L6731B
Adjustable step-down controller with synchronous rectification
Dedicated to DDR Memory
Features
■ Input voltage range from 1.8V to 14V
■ Supply voltage range from 4.5V to 14V
■ Adjustable output voltage down to 0.6V with
±0.8% accuracy over line voltage and
temperature (0°C~125°C)
■ Fixed frequency voltage mode control
■ TON lower than 100ns
■ 0% to 100% duty cycle
■ VDDR input sense
■ Regulates VTT and VTTREF within 1% of VDDQ
■ Soft-start and inhibit
■ High current embedded drivers
■ Predictive anti-cross conduction control
■ Programmable high-side and low-side RDS(on)
sense over-current-protection
■ Selectable switching frequency 250KHz/
500KHz
■ Power good output
■ Sink/source capability for ddr memory and
termination supply
■ Over voltage protection
■ Thermal shut-down
■ Package: HTSSOP16
Applications
■ High performance / high density DC-DC
modules
■ Low voltage distributed DC-DC
■ niPOL converters
■ DDR memory supply
■ DDR termination supply
■ Graphic cards
HTSSOP16 (Exposed Pad)
www.st.com
Order Codes
Part number
Package
Packing
L6731B
HTSSOP16
Tube
L6731BTR
HTSSOP16
Tape & Reel


유사한 부품 번호 - L6731B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6731D STMICROELECTRONICS-L6731D Datasheet
388Kb / 23P
Adjustable step-down controller with synchronous rectification dedicated to DDR memory
04-Jun-2008
L6731DTR STMICROELECTRONICS-L6731DTR Datasheet
388Kb / 23P
Adjustable step-down controller with synchronous rectification dedicated to DDR memory
04-Jun-2008
More results

유사한 설명 - L6731B

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
Adjustable step-down controller with synchronous rectification
26-Jun-2006
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
Adjustable step-down controller with synchronous rectification
07-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
Adjustable step-down controller with synchronous rectification
25-Sep-2006
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6731D STMICROELECTRONICS-L6731D Datasheet
388Kb / 23P
Adjustable step-down controller with synchronous rectification dedicated to DDR memory
04-Jun-2008
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com