전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6731B 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 L6731B
상세설명  Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6731B 데이터시트(HTML) 4 Page - STMicroelectronics

  L6731B Datasheet HTML 1Page - STMicroelectronics L6731B Datasheet HTML 2Page - STMicroelectronics L6731B Datasheet HTML 3Page - STMicroelectronics L6731B Datasheet HTML 4Page - STMicroelectronics L6731B Datasheet HTML 5Page - STMicroelectronics L6731B Datasheet HTML 6Page - STMicroelectronics L6731B Datasheet HTML 7Page - STMicroelectronics L6731B Datasheet HTML 8Page - STMicroelectronics L6731B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Summary description
L6731B
4/24
1.1
Functional description
Figure 1.
Block Diagram
L6731B
PGND
PHASE
SGND
VFB
LGATE
BOOT
HGATE
VCCDR
OCH
Vin=1.8V to14V
Vo
COMP
SS/INH
Monitor
Protection and Ref
OSC
+
-
+
-
E/A
PWM
VCC
VCC=4.5V to14V
DDR-IN
R
R
+
-
VTTREF
-
+
-
0.6V
OCL
LDO
PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com