전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6731B 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 L6731B
상세설명  Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6731B 데이터시트(HTML) 3 Page - STMicroelectronics

  L6731B Datasheet HTML 1Page - STMicroelectronics L6731B Datasheet HTML 2Page - STMicroelectronics L6731B Datasheet HTML 3Page - STMicroelectronics L6731B Datasheet HTML 4Page - STMicroelectronics L6731B Datasheet HTML 5Page - STMicroelectronics L6731B Datasheet HTML 6Page - STMicroelectronics L6731B Datasheet HTML 7Page - STMicroelectronics L6731B Datasheet HTML 8Page - STMicroelectronics L6731B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
L6731B
Summary description
3/24
1
Summary description
The controller is an integrated circuit realized in BCD5 (BiCMOS-DMOS, version 5) fabrication
that provides complete control logic and protection for high performance step-down DC-DC and
niPOL converters.
It is designed to drive N-Channel MOSFETs in a synchronous rectified buck topology. The
output voltage of the converter can be precisely regulated down to 600mV with a maximum
tolerance of ±0.8%. If an external reference is used, it will be trasferred divided by 2 to the N.I.
input of the error-amplifier, in accordance to the DDR memory specifications.
An internal resistor divider and a voltage buffer allow to achieve an accuracy of 1% on both Vtt
and Vttref. It's possibile to provide an external reference from 0V to 2.5V in order to meet the
specification for DDRI and DDRII. The input voltage can range from 1.8V to 14V, while the
supply voltage can range from 4.5V to 14V. High peak current gate drivers provide for fast
switching to the external power section, and the output current can be in excess of 20A.
The PWM duty cycle can range from 0% to 100% with a minimum on-time (TON, MIN) lower than
100ns making possible conversions with very low duty cycle at high switching frequency. The
device provides voltage-mode control that includes a selectable frequency oscillator (250KHz
or 500KHz).
The error amplifier features a 10MHz gain-bandwidth-product and 5V/µs slew-rate that permits
to realize high converter bandwidth for fast transient response. The device monitors the current
by using the RDS(on) of both the high-side and low-side MOSFET(s), eliminating the need for a
current sensing resistor and guaranteeing an effective over-current-protection in all the
application conditions.
When necessary, two different current limit protections can be externally set through two
external resistors. During the soft-start phase a constant current protection is provided while
after the soft-start the device enters in hiccup mode in case of over-current. The converter can
always sink current. Other features are Power-Good, not latched over-voltage-protection, feed-
back disconnection and thermal shutdown. The HTSSOP16 package allows the realization of
really compact DC/DC converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com