전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP91CW60DFG 데이터시트(PDF) 91 Page - Toshiba Semiconductor

부품명 TMP91CW60DFG
상세설명  16 Bit Microcontroller
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP91CW60DFG 데이터시트(HTML) 91 Page - Toshiba Semiconductor

Back Button TMP91CW60DFG Datasheet HTML 87Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 88Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 89Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 90Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 91Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 92Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 93Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 94Page - Toshiba Semiconductor TMP91CW60DFG Datasheet HTML 95Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 262 page
background image
Page 88
2007-12-03
TMP91CW60
4.14 Open-drain Control
P30,P31,P41,P90,P93,PB0,PB1 can perform selection of an open-drain output per bit. Reset operation initializes
all bits of the control register ODE to “0” and sets to CMOS output.
Open-drain Control Register
7
654321
0
ODE
(003FH)
Bit symbol
−
ODEB1
ODEB0
ODE93
ODE90
ODE41
ODE31
ODE30
Read/Write
−
R/W
After reset
−
000000
0
Function
0: CMOS output
1:Open drain output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More