| 전자부품 데이터시트 검색엔진 |
|
TMP91CW60DFG 데이터시트(PDF) 29 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP91CW60DFG 데이터시트(HTML) 29 Page - Toshiba Semiconductor |
|
29 / 262 page ![]() Page 26 2007-12-03 TMP91CW60 Example: "The STOP mode is entered when the low-frequency operates, and high-frequency operates after releas- ing due to NMI. Note:When different modes are used before and after STOP mode as the above mentioned, there is possible to release the HALT mode without changing the operation mode by acceptance of the halt release interrupt request during execution of "HALT" instruction (during 6 state). In the system which accepts the interrupts during execution "HALT" instruction, set the same operation mode before and after the STOP mode. SYSCR0 EQU 00E0H SYSCR1 EQU 00E1H SYSCR2 EQU 00E2H 8FFDH LD (SYSCR1), 08H ; fSYS = fs/2 9000H LD (SYSCR2), X −1001X1B ; 2 14/fOSCH 9002H LD (SYSCR0), 011000 − −B ; 9005H HALT 9006H LD XX, XX RETI −: No change NMI NMI |